Electronic Components Datasheet Search
  English  ▼

X  

FX135 Datasheet(PDF) 1 Page - Fox Electronics

Part # FX135
Description  SMD 3.2x1.5mm Tuning Fork
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FX135 Datasheet(HTML) 1 Page - Fox Electronics

  FX135 Datasheet HTML 1Page - Fox Electronics FX135 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
SMD 3.2x1.5mm Tuning Fork
Rev. 3/20/2015
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FX135
739-Frequency-xxxxx
MAX (unless otherwise noted)
All specifications subject to change without notice.
32.768 kHz
±20 PPM
-0.045 PPM / (ƼC)2
+20ºC ~ +30ºC
-40ºC ~ +85ºC
-55ºC ~ +125ºC
70 kΩ
12.5 pF(Standard)
(Fox P/N: FX135A-327)
9pF (Optional)
(Fox P/N: FX135B-327)
500MΩ Min
1.0 μW
0.1 μW Typ
±3 PPM
260ºC / 10 Seconds
1
Au over Ni
PARAMETERS
Frequency
Frequency Tolerance @ 25ºC
Frequency Stability
Temperature Coefficient
Temperature Range
Turnover
(T
O
)
Operating
(T
OPR
)
Storage
(T
STG
)
Equivalent Series Resistance (RS
)
Load Capacitance (Cl)
Insulation Resistance @ 100V
DC
Drive Level
Aging per year
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• STANDARD SPECIFICATIONS
MAX
(unless otherwise noted)
Frequency
Stability
Operating
Temperature
-40 ºC~ +85 ºC 32.768 kHz
FX135
Model
Number
Part Number
• PART NUMBER
-
0.045PPM/(ƼC)2
Frequency
All dimensions are in millimeters.
Page 1 of 2
FEATURES
• Ultra Low Profile
• 0.9mm Height
• Long Term Stability
• Tape and Reel (3,000 pcs.STD)
OPTIONS
• 9pF Available (FX135B-327)


Similar Part No. - FX135

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX135 FOX-FX135 Datasheet
197Kb / 2P
SMD 3.2x1.5mm Tuning Fork
FX135A-3270 FOX-FX135A-3270 Datasheet
196Kb / 2P
SMD 3.2x1.5mm Tuning Fork
FX135 FOX-FX135_09 Datasheet
240Kb / 2P
SMD 3.2x1.5mm Tuning Fork
More results

Similar Description - FX135

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSXLF FOX-FSXLF Datasheet
183Kb / 2P
SMD Tuning Fork
FSRLF FOX-FSRLF Datasheet
189Kb / 2P
SMD Tuning Fork
FSMLF FOX-FSMLF Datasheet
119Kb / 2P
SMD Tuning Fork
FX135 FOX-FX135 Datasheet
197Kb / 2P
SMD 3.2x1.5mm Tuning Fork
FX145 FOX-FX145 Datasheet
170Kb / 1P
SMD Tuning Fork
FX135 FOX-FX135_09 Datasheet
240Kb / 2P
SMD 3.2x1.5mm Tuning Fork
FSMLF327 FOX-FSMLF327 Datasheet
657Kb / 2P
SMD Tuning Fork
FSXLF327 FOX-FSXLF327 Datasheet
140Kb / 2P
SMD Tuning Fork
FX135A-3270 FOX-FX135A-3270 Datasheet
196Kb / 2P
SMD 3.2x1.5mm Tuning Fork
logo
Suzhou HangJing Electro...
FC31M2 HANGJING-FC31M2 Datasheet
273Kb / 1P
TUNING FORK CRYSTAL IN SMD 3.2X1.5MM CERAMIC SEAM SEAL PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com