Electronic Components Datasheet Search
  English  ▼

X  

FX252B Datasheet(PDF) 1 Page - Fox Electronics

Part # FX252B
Description  Ceramic SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FX252B Datasheet(HTML) 1 Page - Fox Electronics

  FX252B Datasheet HTML 1Page - Fox Electronics FX252B Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
19
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• Ultra Low Profile
• Fundamental
“Now available as FX252BS. See PCN310 for details.”
•
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance (Co)
Load Capacitance
(CL)
Drive Level
Aging per year
Reflow Soldering Temperature
Moisture Sensitivity Level (MSL)
Termination Finish
16.000 ~ 54.000 MHz
±50 PPM1
±50 PPM1
-10ºC ~ +60ºC1
-40ºC ~ +85ºC
5 pF
10 pF~Series
(Customer Specified)
100 µW
±5 PPM
260ºC x 10 Seconds (2 Cycles)
1
Au/Sn
• STANDARD SPECIFICATIONS1
• PART NUMBER
16.000 ~ 54.000
FX252B
Model Number
Part Number
637S-Frequency-xxxxx
Learn More - Internet Required
Frequency Range (MHz)
MAX (unless otherwise noted)
1
Tolerances and stabilities to ±10 PPM, operating temps to -40ºC ~ 85ºC available.
Note: Dimensional drawing is for reference to critical specifications defined by size
measurements. Certain non-critical visual attributes, such as side castellations, etc. may vary.
The above specifications, having been carefully prepared and checked, is believed to be ac-
curate at the time of publication; however, no responsibility is assumed by Fox Electronics for
inaccuracies.
All specifications subject to change without notice.
Ceramic SMD Crystal
Rev. 10/20/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FX252B Series
Page 1 of 2
16.000
19.680
24.000
32.000
54.000
Developed Frequencies
19.200
19.800
26.000
48.000
16.000 ~ 26.000
26.000+ ~ 35.000
35.000+ ~ 54.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
200
100
50
Operating Mode
Max ESR
Ω
All dimensions are in millimeters.
Top View
# 2
# 1
# 3
# 4
# 1
# 2
# 3
# 4
Recom m ended
Solder Pad Layout
0.7
2.5 ±0.1
2.0 ±0.1
0.6 M ax
1.0
Bottom
0.95
0.85
0.5
0.3


Similar Part No. - FX252B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX252B ETC1-FX252B Datasheet
95Kb / 1P
CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
Ceramic SMD Crystal
FX252B FOX-FX252B Datasheet
236Kb / 2P
Ceramic SMD Crystal
FX252B FOX-FX252B Datasheet
236Kb / 2P
Ceramic SMD Crystal
Rev. 10/20/2008
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
Ceramic SMD Crystal
More results

Similar Description - FX252B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
logo
Fox Electronics
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
Ceramic SMD Crystal
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
Ceramic SMD Crystal
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
CERAMIC SMD CRYSTAL
11.8.2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com