Electronic Components Datasheet Search
  English  ▼

X  

LM211D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LM211D
Description  Voltage comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM211D Datasheet(HTML) 2 Page - NXP Semiconductors

  LM211D Datasheet HTML 1Page - NXP Semiconductors LM211D Datasheet HTML 2Page - NXP Semiconductors LM211D Datasheet HTML 3Page - NXP Semiconductors LM211D Datasheet HTML 4Page - NXP Semiconductors LM211D Datasheet HTML 5Page - NXP Semiconductors LM211D Datasheet HTML 6Page - NXP Semiconductors LM211D Datasheet HTML 7Page - NXP Semiconductors LM211D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product data
AU211/LM111/211/311/311B
Voltage comparator
2
2003 Sep 30
DESCRIPTION
The LM111 series are voltage comparators that have input currents
approximately a hundred times lower than devices like the
µA710.
They are designed to operate over a wider range of supply voltages;
from standard
±15 V op amp supplies down to a single 3 V supply.
Their output is compatible with RTL, DTL, and TTL as well as MOS
circuits. Further, they can drive lamps or relays, switching voltages
up to 50 V at currents as high as 50mA.
Both the inputs and the outputs of the LM111 series can be isolated
from system ground, and the output can drive loads referred to
ground, the positive supply, or the negative supply. Offset balancing
and strobe capability are provided and outputs can be wire-ORed.
Although slower than the
µA710 (200 ns response time versus 40 ns),
the devices are also much less prone to spurious oscillations. The
LM111 series has the same pin configuration as the
µA710 series.
FEATURES
• Operates from single 3 V supply (LM311B)
• Maximum input bias current: 150 nA (LM311: 250 nA)
• Maximum offset current: 20 nA (LM311: 50 nA)
• Differential input voltage range: ±30 V
• Power consumption: 135 mW at ±15 V
• High sensitivity: 200 V/mV
• Zero crossing detector
PIN CONFIGURATION
1
2
3
45
6
7
8
D, N Packages
GND
INPUT
INPUT
V–
V+
OUTPUT
BAL/STROBE
BALANCE
+
–
SL00062
Figure 1. Pin Configuration
APPLICATIONS
• Precision squarer
• Positive/negative peak detector
• Low voltage adjustable reference supply
• Switching power amplifier
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline Package (SO)
–40
°C to +125 °C
AU211D
SOT96-1
8-Pin Plastic Small Outline Package (SO)
–55
°C to +125 °C
LM111D
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
–55
°C to +125 °C
LM111N
SOT97-1
8-Pin Plastic Small Outline Package (SO)
–25
°C to +85 °C
LM211D
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
–25
°C to +85 °C
LM211N
SOT97-1
8-Pin Plastic Small Outline Package (SO)
0
°C to +70 °C
LM311D
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
0
°C to +70 °C
LM311N
SOT97-1
8-Pin Plastic Small Outline Package (SO)
0
°C to +70 °C
LM311BD
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
0
°C to +70 °C
LM311BN
SOT97-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com