Electronic Components Datasheet Search
  English  ▼

X  

ALMD-LL36 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-LL36
Description  Well-defined spatial radiation pattern
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-LL36 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALMD-LL36 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL36 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Avago Technologies
- 13 -
ALMD-LL36, ALMD-LG36, ALMD-LM36, ALMD-LB36
Data Sheet
Precautionary Notes
Precautionary Notes
1.
Handling precautions
For automated pick and place, Avago has tested nozzle
size below made with urethane material to be working fine
with this LED. However, due to the possibility of variations
in other parameters such as pick and place machine
maker/model and other settings of the machine, customer
is recommended to verify the nozzle selected.
NOTE
a. Nozzle tip should touch the LED flange during pick
and place.
b. Outer dimensions of the nozzle should be able to fit
into the carrier tape pocket.
2.
Handling of moisture-sensitive device
This product has a Moisture Sensitive Level 2a rating per
JEDEC J-STD-020. Refer to Avago Application Note
AN5305, Handling of Moisture Sensitive Surface Mount
Devices, for additional details and a review of proper
handling procedures.
a.
Before use
An unopened moisture barrier bag (MBB) can be
stored at <40 °C / 90%RH for 12 months. If the
actual shelf life has exceeded 12 months and the
humidity indicator card (HIC) indicates that
baking is not required, then it is safe to reflow the
LEDs per the original MSL rating.
It is recommended that the MBB not be opened
prior to assembly (e.g., for IQC).
b.
Control after opening the MBB
The humidity indicator card (HIC) shall be read
immediately upon opening of MBB.
The LEDs must be kept at <30 °C / 60%RH at all
times and all high temperature related processes
including soldering, curing or rework need to be
completed within 672 hours.
c.
Control for unfinished reel
Unused LEDs must be stored in a sealed MBB with
desiccant or desiccator at <5%RH.
d.
Control of assembled boards
If the PCB soldered with the LEDs is to be
subjected to other high temperature processes,
the PCB must be stored in sealed MBB with
desiccant or desiccator at <5%RH to ensure that
all LEDs have not exceeded their floor life of
672 hours.
e.
Baking is required if:
The HIC indicator is not BROWN at 10% and is
AZURE at 5%.
The LEDs are exposed to condition of >30 °C /
60% RH at any time.
The LED floor life exceeded 672 hrs.
The recommended baking condition is: 60 °C ±5 ºC for
20 hrs. Baking should only be done once.
f.
Storage
The soldering terminals of these Avago LEDs are
silver plated. If the LEDs are being exposed in
ambient environment for too long, the silver
plating might be oxidized and thus affecting its
solderability performance. As such, unused LEDs
must be kept in sealed MBB with desiccant or in
desiccator at <5%RH.
3.
Application precautions
a.
Drive current of the LED must not exceed the
maximum allowable limit across temperature as
stated in the data sheet. Constant current driving is
recommended to ensure consistent performance.
b.
LEDs do exhibit slightly different characteristics at
different drive currents that might result in larger
performance variations (i.e., intensity, wavelength,
and forward voltage). The user is recommended to set
the application current as close as possible to the test
current to minimize these variations.
c.
The LED is not intended for reverse bias. Do use other
appropriate components for such purposes. When
driving the LED in matrix form, it is crucial to ensure
that the reverse bias voltage does not exceed the
allowable limit of the LED.
d.
Avoid rapid change in ambient temperature,
especially in high humidity environments, because
this will cause condensation on the LED.
e.
If the LED is intended to be used in outdoor or harsh
environments, the LED leads must be protected with
suitable potting material against damages caused by
rain water, oil, corrosive gases, etc. It is recommended
to have louver or shade to reduce direct sunlight on
the LEDs.
Pick & Place nozzle
LED flange
>2.2mm
4.00
5.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com