Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV321
Description  General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV321 Datasheet HTML 1Page - National Semiconductor (TI) LMV321 Datasheet HTML 2Page - National Semiconductor (TI) LMV321 Datasheet HTML 3Page - National Semiconductor (TI) LMV321 Datasheet HTML 4Page - National Semiconductor (TI) LMV321 Datasheet HTML 5Page - National Semiconductor (TI) LMV321 Datasheet HTML 6Page - National Semiconductor (TI) LMV321 Datasheet HTML 7Page - National Semiconductor (TI) LMV321 Datasheet HTML 8Page - National Semiconductor (TI) LMV321 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Typical Performance Characteristics Unless otherwise specified, V
S = +5V, single supply,
T
A = 25˚C.
Supply Current vs. Supply Voltage (LMV321)
Input Current vs. Temperature
10006073
100060A9
Sourcing Current vs. Output Voltage
Sourcing Current vs. Output Voltage
10006069
10006068
Sinking Current vs. Output Voltage
Sinking Current vs. Output Voltage
10006070
10006071
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com