Electronic Components Datasheet Search
  English  ▼

X  

CM339 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM339
Description  LOW POWER QUAD VOLTAGE COMPARATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM339 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM339 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM339 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CM339
LOW POWER QUAD VOLTAGE COMPARATORS
2001/07/02
Preliminary
Champion Microelectronic Corporation
Page 2
BLOCK DIAGRAM
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM339CP
0℃ to 70℃
14-Pin PDIP(P14)
CM339CS
0℃ to 70℃
14-Pin SOP(S14)
ABSOULTE MAXIMUM RATINGS
Symbol
Parameter
CM339
Unit
Vcc
Supply voltage
±18 to 36
V
Vid
Differential input voltage
±36
V
VI
Input voltage
-0.3 to + 36
V
Ptot
Power dissipation
570
mW
Toper
Operating free-air temperature range
0, +70
℃
Tstg
Storage temperature range
-65, +150
℃
3.5uA
100uA
100uA
3.5uA
Vcc+
Inv erting Input
Non-inv erting Input
Vcc-
Vo



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com