Electronic Components Datasheet Search
  English  ▼

X  

HC4 Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # HC4
Description  High AC Voltage - High current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

HC4 Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  HC4 Datasheet HTML 1Page - Illinois Capacitor, Inc. HC4 Datasheet HTML 2Page - Illinois Capacitor, Inc. HC4 Datasheet HTML 3Page - Illinois Capacitor, Inc. HC4 Datasheet HTML 4Page - Illinois Capacitor, Inc. HC4 Datasheet HTML 5Page - Illinois Capacitor, Inc. HC4 Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Capacitance
(μF)
VAC
IC PART number
Maximum
RMS
current
(A)
MAX
power
kvar
Frequency
range
(kHz)
ESR
(mΩ)
100kHz,
+25°C
Dimensions (mm)
Terminal
Style
B
H
T
0.33
1000
334HC4102K4TM6
600
400
194
‐433
1.0
30.2
60
60
4TM6
0.66
1000
664HC4102K4TM6
600
400
95
‐216
0.8
30.2
60
60
4TM6
1.2
900
125HC4900K4TM6
850
400
58
‐215
0.3
30.2
60
60
4TM6
1.32
900
135HC4900K4TM6
850
400
58
‐215
0.3
30.2
60
60
4TM6
2.6
700
265HC4700K4TM6
950
400
51
‐138
0.2
30.2
60
60
4TM6
5
500
505HC4500K4TM6
1000
400
50
‐80
0.1
30.2
60
60
4TM6
LEAD STYLE: 4TM6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com