Electronic Components Datasheet Search
  English  ▼

X  

EL5210CS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5210CS
Description  30MHz Rail-to-Rail Input-Output Op Amps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5210CS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5210CS Datasheet HTML 3Page - Intersil Corporation EL5210CS Datasheet HTML 4Page - Intersil Corporation EL5210CS Datasheet HTML 5Page - Intersil Corporation EL5210CS Datasheet HTML 6Page - Intersil Corporation EL5210CS Datasheet HTML 7Page - Intersil Corporation EL5210CS Datasheet HTML 8Page - Intersil Corporation EL5210CS Datasheet HTML 9Page - Intersil Corporation EL5210CS Datasheet HTML 10Page - Intersil Corporation EL5210CS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN7185.2
May 6, 2005
Typical Performance Curves (Continued)
Open-Loop Gain vs Temperature
75
85
90
Temperature (°C)
-50
-10
30
70
110
150
70
80
Slew Rate vs Temperature
VS=±5V
RL=1kΩ
EL5410 Supply Current per Amplifier vs Temperature
2.45
2.5
2.4
Temperature (°C)
-50
-10
30
70
110
150
2.6
2.65
2.55
2.7
VS=±5V
EL5410 Supply Current per Amplifier vs Supply Voltage
4
1.7
2.5
Supply Voltage (V)
1.5
2.9
2.1
2.3
2.7
1.9
8
121620
TA=25°C
160
33.70
33.75
Temperature (°C)
33.65
33.85
33.60
33.55
120
80
40
0
-40
33.80
0.05
-0.05
0.15
Differential Gain and Phase
0.25
0
-0.10
0.10
0.20
200
IRE
0100
200
0100
Harmonic Distortion vs VOP-P
04
10
-60
-30
-80
26
8
-40
-70
-50
VOP-P (V)
VS=±5V
VS=±5V
AV=2
RL=1kΩ
VS=±5V
AV=1
RL=1k
FIN = 1MHz
HD3
HD2
EL5210, EL5410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com