Electronic Components Datasheet Search
  English  ▼

X  

VLMP20 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLMP20
Description  Low Current Mini SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMP20 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VLMP20 Datasheet HTML 2Page - Vishay Siliconix VLMP20 Datasheet HTML 3Page - Vishay Siliconix VLMP20 Datasheet HTML 4Page - Vishay Siliconix VLMP20 Datasheet HTML 5Page - Vishay Siliconix VLMP20 Datasheet HTML 6Page - Vishay Siliconix VLMP20 Datasheet HTML 7Page - Vishay Siliconix VLMP20 Datasheet HTML 8Page - Vishay Siliconix VLMP20 Datasheet HTML 9Page - Vishay Siliconix VLMP20 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
VLMS20.., VLMK20.., VLMO20.., VLMY20.., VLMP20..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 28-Nov-14
6
Document Number: 81339
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Forward Current vs. Forward Voltage
Fig. 8 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 9 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 10 - Forward Voltage vs. Ambient Temperature
Fig. 11 - Change of Forward Voltage vs. Ambient Temperature
1
10
100
1
1.5
2
2.5
3
VF - Forward Voltage (V)
95 10878
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
- 40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
18251-1
yellow
soft orange
red
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 50
- 25
0
25
50
75
100
T
amb - Ambient Temperature (°C)
18616
pure green
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
- 40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
18252-1
yellow
soft orange
red
- 0.5
- 0.4
- 0.3
- 0.2
- 0.1
0
0.1
0.2
0.3
0.4
0.5
- 60 - 40 - 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
20687-1
pure green



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com