Electronic Components Datasheet Search
  English  ▼

X  

VLMW21 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMW21
Description  Luminous intensity categorized
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW21 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMW21 Datasheet HTML 1Page - Vishay Siliconix VLMW21 Datasheet HTML 2Page - Vishay Siliconix VLMW21 Datasheet HTML 3Page - Vishay Siliconix VLMW21 Datasheet HTML 4Page - Vishay Siliconix VLMW21 Datasheet HTML 5Page - Vishay Siliconix VLMW21 Datasheet HTML 6Page - Vishay Siliconix VLMW21 Datasheet HTML 7Page - Vishay Siliconix VLMW21 Datasheet HTML 8Page - Vishay Siliconix VLMW21 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Semiconductors
VLMW21..
Document Number 81243
Rev. 1.4, 09-Feb-10
www.vishay.com
1
For technical support, please contact: LED@vishay.com
Standard Mini SMD LED
FEATURES
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible with automatic placement
equipment
• EIA and ICE standard package
• IR reflow soldering acc. to J-STD-020
• Available in 8 mm tape
• Low profile package
• Excellent for coupling to light pipes and
backlighting
• Low power consumption
• Preconditioning: acc. to JEDEC level 2a
• ESD-withstand voltage: up to 1 kV according to
JESD22-A114-B
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• AEC-Q101 qualified
• Find out more about Vishay’s Automotive Grade
Product requirements at:
www.vishay.com/applications
19226
DESCRIPTION
The MiniLED has been designed to meet the
increasing demand for white SMD LEDs. The feature
of
the
device
is
the
very
small
package
2.2 mm x 1.3 mm x 1.4 mm. The MiniLED is an obvious
solution for small-scale, high-power products that are
expected to work reliably in an arduous environment.
This is often the case in automotive and industrial
application of course.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD MiniLED
• Product series: standard
• Angle of half intensity: ± 60°
APPLICATIONS
• Automotive:
backlighting
in
dashboards
and
switches
• Telecommunication: indicator and backlighting in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches and symbols
• General use
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY AT IF = 10 mA
TECHNOLOGY
VLMW2100-5K8L-08
White, IV ≥ 56 mcd
InGaN/TAG on SiC
VLMW21N2R2-5K8L-08
White, IV = (35.5 to 180) mcd
InGaN/TAG on SiC
VLMW21P1Q2-5K8L-08
White, IV = (45 to 112) mcd
InGaN/TAG on SiC
VLMW21Q1R2-5K8L-08
White, IV = (71 to 180) mcd
InGaN/TAG on SiC


Similar Part No. - VLMW21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW11 VISHAY-VLMW11 Datasheet
230Kb / 10P
Ultrabright 0603 SMD LED
19-Sep-07
VLMW11R2S2-5K8L-08 VISHAY-VLMW11R2S2-5K8L-08 Datasheet
193Kb / 10P
Ultrabright 0603 SMD LED
03-Nov-08
logo
HK TO-GRACE TECHNOLOGY ...
VLMW11R2S2-5K8L-08 TO-GRACE-VLMW11R2S2-5K8L-08 Datasheet
705Kb / 8P
Ultrabright 0603 SMD LED
logo
Vishay Siliconix
VLMW1300 VISHAY-VLMW1300 Datasheet
176Kb / 8P
Highbright 0603 ChipLED
08-Nov-11
logo
HK TO-GRACE TECHNOLOGY ...
VLMW1300 TO-GRACE-VLMW1300 Datasheet
581Kb / 8P
Highbright 0603 ChipLED
More results

Similar Description - VLMW21

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
High luminous Intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
High Luminous Intensity
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
luminous intensity
logo
Vishay Siliconix
TLHG44K1L2 VISHAY-TLHG44K1L2 Datasheet
109Kb / 5P
Luminous intensity categorized
14-Oct-14
TLHP42J2L1 VISHAY-TLHP42J2L1 Datasheet
109Kb / 5P
Luminous intensity and color categorized
14-Oct-14
TLUR2400 VISHAY-TLUR2400 Datasheet
763Kb / 5P
Luminous intensity categorized
22-Apr-13
TLVD4200 VISHAY-TLVD4200 Datasheet
197Kb / 6P
Categorized for luminous flux
27-Jan-15
TLVY42N1P2-34 VISHAY-TLVY42N1P2-34 Datasheet
142Kb / 5P
Categorized for luminous flux
14-Oct-14
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
High luminous intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com