Electronic Components Datasheet Search
  English  ▼

X  

VLMW321 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMW321
Description  Long life time, due to silicone casting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMW321 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMW321 Datasheet HTML 1Page - Vishay Siliconix VLMW321 Datasheet HTML 2Page - Vishay Siliconix VLMW321 Datasheet HTML 3Page - Vishay Siliconix VLMW321 Datasheet HTML 4Page - Vishay Siliconix VLMW321 Datasheet HTML 5Page - Vishay Siliconix VLMW321 Datasheet HTML 6Page - Vishay Siliconix VLMW321 Datasheet HTML 7Page - Vishay Siliconix VLMW321 Datasheet HTML 8Page - Vishay Siliconix VLMW321 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VLMW321..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 25-Apr-13
2
Document Number: 81191
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Driving the LED in reverse direction is suitable for a short term application
Note
• Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ± 11 %.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each
reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any one reel.
In order to ensure availability, single wavelength groups will not be orderable.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMW321..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb  60 °C
IF
50
mA
Surge forward current
tp  10 μs
IFSM
0.3
A
Power dissipation
PV
200
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 110
°C
Storage temperature range
Tstg
- 40 to + 110
°C
Thermal resistance junction/ambient
Mounted on PC board (pad design see page 6)
RthJA
300
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMW321.., WHITE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 30 mA
VLMW321ABBB5K8L
IV
1400
2200
2850
mcd
VLMW321BACA5K8L
IV
1800
2800
3550
mcd
Luminous flux
IF = 30 mA
VLMW321ABBB5K8L
V
-7000-
mlm
VLMW321BACA5K8L
V
-8900-
mlm
Chromaticity coordinate x, y
acc. to CIE 1931
IF = 30 mA
x
-
0.33
-
y
-
0.33
-
Angle of half intensity
IF = 30 mA
-± 60
-
deg
Forward voltage
IF = 30 mA
VF
2.9
3.4
4
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Temperature coefficient of VF
IF = 30 mA
TCVF
-- 3.6
-
mV/K
Temperature coefficient of IV
IF = 30 mA
TCIV
-- 0.5
-
%/K
Temperature coefficient of x
IF = 30 mA
TCx
-
- 0.0002
-
Dx/K
Temperature coefficient of y
IF = 30 mA
TCy
-
- 0.0003
-
Dy/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
AB
1400
1800
BA
1800
2240
BB
2240
2850
CA
2850
3550



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com