Electronic Components Datasheet Search
  English  ▼

X  

VLPC0101C5 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLPC0101C5
Description  High Brightness LED Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLPC0101C5 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLPC0101C5 Datasheet HTML 1Page - Vishay Siliconix VLPC0101C5 Datasheet HTML 2Page - Vishay Siliconix VLPC0101C5 Datasheet HTML 3Page - Vishay Siliconix VLPC0101C5 Datasheet HTML 4Page - Vishay Siliconix VLPC0101C5 Datasheet HTML 5Page - Vishay Siliconix VLPC0101C5 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VLPC0101C5, VLPN0101C5, VLPW0101C5
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 30-Jul-12
3
Document Number: 84143
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Relative Intensity vs. Angular Displacement
Fig. 3 - Relative Luminous Flux vs. Junction Temperature
(IF = 3200 mA)
Fig. 4 - Array Circuit Type
PACKAGE DIMENSIONS in millimeters
BAR CODE PRODUCT LABEL
A. Type of component
B. Manufacturing plant
C. SEL - selection code (bin):
X = color group
D. Batch:
200707 = year 2007, week 07
PH19
= plant code
E. Total quantity
0.4
0.2
0
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
100
25
50
75
100
125
150
Tj - Junction Temperature (°C)
80
60
40
20
90
70
50
30
10
+–
1.2
2
16.6
Technical drawings
according to DIN
specification.
Drawing-No.: 9.920-6807.01-4
Issue: prel; 23.04.2012
Drawing refers to following types: VLP.0101C5
Not indicated tolerances ± 0.2
All dimensions in mm
VI
SH
AY
VLP
.01
01C
5
Ser
ial n
o.
xxx
x
Se
l. X
xx
x
UL
XX
X-
XX
A
C
B
D
E
20613



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com