Electronic Components Datasheet Search
  English  ▼

X  

AP.10H.01 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # AP.10H.01
Description  rohs compliant
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AP.10H.01 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  AP.10H.01 Datasheet HTML 1Page - Taoglas antenna solutions AP.10H.01 Datasheet HTML 2Page - Taoglas antenna solutions AP.10H.01 Datasheet HTML 3Page - Taoglas antenna solutions AP.10H.01 Datasheet HTML 4Page - Taoglas antenna solutions AP.10H.01 Datasheet HTML 5Page - Taoglas antenna solutions AP.10H.01 Datasheet HTML 6Page - Taoglas antenna solutions AP.10H.01 Datasheet HTML 7Page - Taoglas antenna solutions AP.10H.01 Datasheet HTML 8Page - Taoglas antenna solutions AP.10H.01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPE-11-8-101/E/SS
Page 2 of 12
1.
Introduction
The AP.10H.01 two stage 25dB active GPS patch antenna is the smallest SMT GPS
high performance embedded antenna currently available in the world. Using
extremely sensitive high dielectric constant powder formulation and tight process
control the 10mm x 10mm x 4mm patch antenna is accurately tuned to have its
frequency band right at 1575.42MHz for GPS systems.
A patented SMT structure gives high reliability in integration. With an ultra low
power consumption two stage LNA with Saw Filter , this small active patch has the
performance of an ordinary active patch, but at only a quarter of the size. This
product is suited to small form factor mobile devices such as GPS Smartphones,
Personal Location, Medical devices, Telematic devices and Automotive navigation
and tracking. Custom gain, connector and cable versions are available.
The AP.10H consists of 2 functional blocks – the LNA and also the patch antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com