Electronic Components Datasheet Search
  English  ▼

X  

LMV7235 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7235
Description  45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7235 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV7235 Datasheet HTML 1Page - National Semiconductor (TI) LMV7235 Datasheet HTML 2Page - National Semiconductor (TI) LMV7235 Datasheet HTML 3Page - National Semiconductor (TI) LMV7235 Datasheet HTML 4Page - National Semiconductor (TI) LMV7235 Datasheet HTML 5Page - National Semiconductor (TI) LMV7235 Datasheet HTML 6Page - National Semiconductor (TI) LMV7235 Datasheet HTML 7Page - National Semiconductor (TI) LMV7235 Datasheet HTML 8Page - National Semiconductor (TI) LMV7235 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VCM =V
+/2, V+ = 5V, V− = 0V. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limits
(Note 6)
Units
I
SC
Output Short Circuit Current
Sourcing, V
O =0V
(LMV7239 only)
(Note 3)
55
25
15
mA
min
Sinking, V
O =5V
(LMV7235 R
L = 10k)
(Note 3)
60
30
20
mA
min
I
S
Supply Current
No load
65
95
110
µA
max
t
PD
Propagation Delay
Overdrive = 20mV
(Note 10)
62
ns
max
Overdrive = 50mV
(Note 10)
57
ns
max
Overdrive = 100mV
(Note 10)
45
ns
max
t
SKEW
Propagation Delay Skew
(LMV7239 only)
(Note 8)
5
ns
t
r
Output Rise Time
LMV7239
10% to 90%
1.2
ns
LMV7235
10% to 90%
(Note 10)
100
ns
t
f
Output Fall Time
90% to 10%
1.2
ns
I
LEAKAGE
Output Leakeage Current
(LMV7235 only)
3nA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 200pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C. Output currents in excess of ±30mA over long term may adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(max) -TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: CMRR is not linear over the common mode range. Limits are guaranteed over the worst case from 0 to VCC/2 or VCC/2 to VCC.
Note 8: Propagation Delay Skew is defined as the absolute value of the difference between tPDLH and tPDHL.
Note 9: Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
Note 10: A 10k pull-up resistor was used when measuring the LMV7235. The rise time of the LMV7235 is a function of the R-C time constant.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com