Electronic Components Datasheet Search
  English  ▼

X  

GS9010A Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9010A
Description  Serial Digital Automatic Tuning Subsystem
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9010A Datasheet(HTML) 2 Page - Gennum Corporation

  GS9010A Datasheet HTML 1Page - Gennum Corporation GS9010A Datasheet HTML 2Page - Gennum Corporation GS9010A Datasheet HTML 3Page - Gennum Corporation GS9010A Datasheet HTML 4Page - Gennum Corporation GS9010A Datasheet HTML 5Page - Gennum Corporation GS9010A Datasheet HTML 6Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
521 - 01 - 05
1
P/N
O
PAL/NTSC Output
2
OUT
O
Output to Receiver/Reclocker RVCO resistor
3
IN-
I
Inverting input to internal amplifier
4
COMP
I
Frequency compensating Capacitor
5
LF
I
Loop Filter input from Receiver/Reclocker
6
ƒ/2
O
Divide by two output to Receiver/Reclocker
7V
CC
Most positive supply voltage
8
SWF
I
Sync Warning Flag Input from GS9000B
or GS9000S
9
FV CAP
I
Capacitor for frequency to voltage converter
10
DLY
I
Capacitor for internal delay
11
OSC
I
RC time constant for internal oscillator
12
GND
Most negative supply voltage
13
HSYNC
I
HSYNC input from GS9000B or GS9000S
Decoder
14
CD
I
Carrier Detect input from Receiver/Reclocker
15
V
CC
Most positive supply voltage
16
STDT
I
Standards threshold adjust input from
external potentiometer
PIN CONNECTIONS
Supply Voltage
VS
4.75
5.0
5.25
V
Supply Current
IS
5.5
8.0
10.0
mA
OUT Voltage Maximum
VOUT MAX
VLF = 2.7 V
2.2
2.3
2.4
V
LF Input Bias
ILF
VLF = 2.3 V
-10
0
10
nA
IN Input Bias
IIN
CD Low
0
5
70
nA
STDT Input Bias
ISTDT
VSTDT = 1.5 V
-10
-0.5
0
µA
STDT Input Voltage
VSTDT
0-
3
V
CD Input Pull-Up Resistor
RCD
13.5
18
22.5
k
Ω
P/N Low-Level Output Voltage
VP/NL
IL = 0
-
-
0.2
V
P/N Low-Level Output Current
IP/NL
-1
-
-
mA
P/N Output Pull-Up Resistor
-
30
-
k
Ω
ƒ/2 High-Level Output Voltage
Vƒ/2H
IL = 0
4
4.6
-
V
ƒ/2 Low-Level Output Voltage
Vƒ/2L
IL = 0
-
-
0.2
V
ƒ/2 Output Current
Iƒ/2
-
± 40
-
µA
SWF Input Bias
ISWF
VSWF = 5 V
150
200
250
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HSYNC Input Frequency for ƒ/2 High
ƒCOMPOSITE
VCC = 4.75 to 5.25
-
7.85
11.0
kHz
HSYNC Input Frequency for ƒ/2 Low
ƒCOMPONENT
VCC = 4.75 to 5.25
11.0
15.7
-
kHz
HSYNC Input Rise / Fall Time
trHSYNC
CMOS Driving Levels
-
-
100
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
( V
CC
= 5 V, T
A
= 0
° C to 70° C, unless otherwise specified)
GS9010A DC ELECTRICAL CHARACTERISTICS
GS9010A AC ELECTRICAL CHARACTERISTICS
( V
CC
= 5 V, T
A
= 0
° C to 70° C, unless otherwise specified)
ABSOLUTE MAXIMUM RATINGS
Parameter
Value/Units
Supply Voltage
±5.5 V
Input Voltage Range (any input)
-V
EE
< V
I
< V
CC
DC Input Current (any one input)
10mA
Operating Temperature Range
0
°C ≤ T
A ≤
70
°C
Storage Temperature Range
-65
°C ≤ T
S ≤
150
°C
Lead Temperature (soldering, 10 seconds)
260
°C
P/N
IN -
COMP
LF
CD
HSYNC
ƒ/2
VCC2
GND
OSC
DLY
STDT
VCC1
14
9
15
10
12
13
11
GS9010A
OUT
SWF
FV CAP
16
1
4
3
6
5
7
2
8
PIN
No.
SYMBOL TYPE
DESCRIPTION
GS9010A PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com