Electronic Components Datasheet Search
  English  ▼

X  

GS9015ACTJ Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9015ACTJ
Description  Serial Digital Reclocker
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9015ACTJ Datasheet(HTML) 5 Page - Gennum Corporation

  GS9015ACTJ Datasheet HTML 1Page - Gennum Corporation GS9015ACTJ Datasheet HTML 2Page - Gennum Corporation GS9015ACTJ Datasheet HTML 3Page - Gennum Corporation GS9015ACTJ Datasheet HTML 4Page - Gennum Corporation GS9015ACTJ Datasheet HTML 5Page - Gennum Corporation GS9015ACTJ Datasheet HTML 6Page - Gennum Corporation GS9015ACTJ Datasheet HTML 7Page - Gennum Corporation GS9015ACTJ Datasheet HTML 8Page - Gennum Corporation GS9015ACTJ Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
520 - 99 - 05
PIN NO
SYMBOL
TYPE
DESCRIPTION
18
V
CC2
Power Supply. Most positive power supply connection. (VCO, MUX, Standard Select).
19
CD
Output
Carrier Detect. Open collector output which goes HIGH when a signal is present at either the Serial
Data inputs or the Direct Digital inputs. This output is used in conjunction with the GS9000B or GS9000S
in the Automatic Standards Select Mode to disable the 2 bit standard select counter. This pin should
see a low AC impedance (e.g. 1nF to AC Gnd)
20,21
SS0, SS1 Inputs
Standard Select Inputs. TTL inputs to the 2:4 multiplexer used to select one of four VCO centre
frequency setting resistors (R
VCO0
- R
VCO3
). When both SS0 and SS1 are LOW, R
VCO0
is selected.
When SS0 is HIGH and SS1 is LOW, R
VCO1
is selected. When SS0 is LOW and SS1 is HIGH, R
VCO2
is selected and when both SS0 and SS1 are HIGH, R
VCO3
is selected. These pins should see a
low AC impedance (e.g. 1nF to AC Gnd)
22,23
SCO/SCO Outputs
Serial Clock Outputs (inverse and true). Pseudo-ECL differential outputs of the extracted serial clock.
These outputs require a 390
Ω pull-down resistors to V
EE
.
24,25
SDO/SDO Outputs
Serial Data Outputs (inverse and true). Pseudo-ECL differential outputs of the regenerated serial data.
These outputs require a 390
Ω pull-down resistors to V
EE
.
26
V
CC3
Power Supply. Most positive power supply connection. (ECL Outputs).
27
V
EE2
Power Supply. Most negative power supply connection. (Phase Detector, Carrier Detect)
28
VEE1
Power Supply. Most negative power supply connection.
GS9015A PIN DESCRIPTIONS cont.
+
-
2k
2k
1k
1k
1.6V
DDI
Pin 5
Pin 6
DDI
VCC
1.2V
+
-
380µA
Fig. 3 Pins 1, 5 and 6
INPUT / OUTPUT CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com