Electronic Components Datasheet Search
  English  ▼

X  

WBP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WBP
Description  High voltage, current, and temperature range
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WBP Datasheet(HTML) 3 Page - Vishay Siliconix

  WBP Datasheet HTML 1Page - Vishay Siliconix WBP Datasheet HTML 2Page - Vishay Siliconix WBP Datasheet HTML 3Page - Vishay Siliconix WBP Datasheet HTML 4Page - Vishay Siliconix WBP Datasheet HTML 5Page - Vishay Siliconix WBP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WBP
www.vishay.com
Vishay Dale
Revision: 05-Jan-17
3
Document Number: 30194
For technical questions, contact: ww2cresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Typical depends on LIN transfer rate
(2) Temperature as measured by the IBS may not exceed 115 °C
(3) LIN bus constrained
SPECIFICATIONS
PARAMETER
UNIT
MIN.
TYP.
MAX.
POWER REQUIREMENTS
Supply voltage (Vsup)V
4
12
18
Supply current (1)
mA
10
15
20
CURRENT MEASUREMENT
Resistance
μ
95
100
105
Current measurement range (continuous)
A
± 600
Current measurement range (pulsed) (2)
A
-2000
2000
Maximum pulse energy (2)
J
900
Current measurement accuracy
A
± 0.5 % + offset
Current measurement offset error max.
mA
-30
0
30
Current measurement resolution (see Table)
mA
0.715
91.5
VOLTAGE MEASUREMENT
Voltage measurement range
V
4
18
Voltage measurement accuracy
mV
-50
50
Voltage measurement resolution
mV
0.88
TEMPERATURE MEASUREMENT
Temperature measurement range
°C
-40
125
Temperature measurement accuracy (0 °C to 60 °C)
°C
± 1
Temperature measurement accuracy (-20 °C to 100 °C)
°C
± 1.5
Temperature measurement accuracy (-40 °C to 115 °C)
°C
± 3.0
Temperature measurement resolution
°C
0.055
COMMUNICATION
LIN specification
LIN 2.1, 2.0
LIN baud rate
bits/s
2000
20000
Data transfer rate (max.) (3)
Hz
50
ADC sample rate (I, V, T)
Hz
10
200
1000
CONNECTIONS
Resistor mounting holes
0.276" dia, centered widthwise, 0.492" from end of shunt
Four pin connector
Integral connector mates to standard Molex 33472-4001 female connector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com