Electronic Components Datasheet Search
  English  ▼

X  

RAC01-GA Datasheet(PDF) 5 Page - Recom International Power

Part # RAC01-GA
Description  1W PCB Mount Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC01-GA Datasheet(HTML) 5 Page - Recom International Power

  RAC01-GA Datasheet HTML 1Page - Recom International Power RAC01-GA Datasheet HTML 2Page - Recom International Power RAC01-GA Datasheet HTML 3Page - Recom International Power RAC01-GA Datasheet HTML 4Page - Recom International Power RAC01-GA Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Pin Connections
Pin #
Single
1
VAC in (L)
2
VAC in (N)
3
-Vout
4
+Vout
Tolerance: xx.x= ±0.5mm
Pin width:
±0.05mm
Dimension Drawing (mm)
33.7
Bottom View
2.85
28.0
3
4
1
2
22.2
15.24
Ø0.8
embossed logo
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
tube
470.0 x 36.4 x 26.4mm
Packaging Quantity
20pcs
Storage Temperature Range
-25°C to +85°C
Storage Humidtiy
non-condensing
5% - 95% RH max.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PA-5
REV.: 0/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
RAC01-GA
Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com