Electronic Components Datasheet Search
  English  ▼

X  

ROF-78E Datasheet(PDF) 3 Page - Recom International Power

Part # ROF-78E
Description  Low Profile 4.0mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROF-78E Datasheet(HTML) 3 Page - Recom International Power

  ROF-78E Datasheet HTML 1Page - Recom International Power ROF-78E Datasheet HTML 2Page - Recom International Power ROF-78E Datasheet HTML 3Page - Recom International Power ROF-78E Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ROF-78E3.3-
0.5SMD
REC5-4812DRWZ/H6/A/SMD
+Vin
GND
+3.3V
GND
C1
C2
*High Isolated voltage
*Improved loading / line regulation
*Wide Input voltage range
*Point-of-Load Architecture
+24V
R1
R2
C3
EN
V
t
Power Sequencing
24V
3.3V
Vout
GND
+Vin
GND
ROF-78EXX-
0.5SMD
Schottky
Diode
Vout=
+Vo - Vsd forward
Vout
GND
+Vin
GND
ROF-78EXX-
0.5SMD
Add a blocking diode to Vout if current can flow backwards
into the output, as this can damage the converter when it is
powered down.
The diode can either be fitted across the device if the source is
low impedance or fitted in series with the output.
Applications
INNOLINE
DC/DC-Converter
ROF-78Exx-0.5SMD
Series
Application Examples
Isolated (Up to 6KV), wide input range regulated output
High efficiency, isolated, dual unregulated outputs
Optional Protection Circuit
ROF-78EXX-
0.5SMD
DC/DC Converter (1:1)
C1
+Vo
COM
GND
+Vin
GND
*Isolated dual output
*Wide Input Range
Enable
www.recom-power.com
I-39
REV: 2/2015



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com