Electronic Components Datasheet Search
  English  ▼

X  

GLA.01 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # GLA.01
Description  rohs compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GLA.01 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  GLA.01 Datasheet HTML 1Page - Taoglas antenna solutions GLA.01 Datasheet HTML 2Page - Taoglas antenna solutions GLA.01 Datasheet HTML 3Page - Taoglas antenna solutions GLA.01 Datasheet HTML 4Page - Taoglas antenna solutions GLA.01 Datasheet HTML 5Page - Taoglas antenna solutions GLA.01 Datasheet HTML 6Page - Taoglas antenna solutions GLA.01 Datasheet HTML 7Page - Taoglas antenna solutions GLA.01 Datasheet HTML 8Page - Taoglas antenna solutions GLA.01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SPE-11-8-040/F/WY
Page 3 of 16
2. Key Performance Indicators
The antenna performance was measured with the GLA.01 mounted on an evaluation board
(80*40mm ground plane with SMA female connector)
No
Parameter
Specification*
1
Center Frequency
1575.42MHz**
2
Dimensions
5.0*3.0*0.5mm
3
VSWR
2 max
4
Polarization
Linear
5
Bandwidth
50MHz Min.
6
Gain
Peak 2.5dBi typ.
7
Efficiency
84% typ.
8
Impedance
50 
Mechanical
9
Dimensions
5*3*0.5mm
10
Material
Ceramic
Environmental
11
Operating Temperature
-40°C+85°C
12
Storage Temperature
-40°C+105°C
13
Temperature Coefficient(τf)
0  20 ppm @-20ºC to +80ºC
14
Recommended Reel Storage
Condition
5°C to 40°C
Relative Humidity 20% to 70%
* The data was measured by A CTIA Authorized Test Lab.
** Working frequency will be offset to another frequency according to the conditions of
user’s ground plane and radome.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com