Electronic Components Datasheet Search
  English  ▼

X  

IL339 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL339
Description  Quad Single Supply Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL339 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL339 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL339 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL339 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL339 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IL339
2
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltages
Single Supply
Split Supplies
36
±18
V
VIDR
Input Differential Voltage Range
36
V
VICR
Input Common Mode Voltage Range (1)
-0.3 to VCC
V
ISC
Output Short Circuit to Ground
Continuous
IIN
Input Current, per pin (2)
50
mA
TJ
Junction Temperature
Plastic Packages
150
°C
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1mm from Case for 10 Seconds
260
°C
PD
Power Dissipation @TA=25°C
Plastic Package
Derate above 25
°C
1.0
8.0
W
mW/
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
Notes:
1. Split Power Supplies.
2. VIN<-0.3V. This input current will only exist when voltage at any of the input leads is driven negative.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
±2.5 or
5.0
±15 or
30
V
TA
Operating Temperature, All Package Types
0
+70
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com