Electronic Components Datasheet Search
  English  ▼

X  

PSB2186 Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # PSB2186
Description  ISDN S-Interface Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PSB2186 Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  PSB2186 Datasheet HTML 1Page - Pulse A Technitrol Company PSB2186 Datasheet HTML 2Page - Pulse A Technitrol Company PSB2186 Datasheet HTML 3Page - Pulse A Technitrol Company PSB2186 Datasheet HTML 4Page - Pulse A Technitrol Company PSB2186 Datasheet HTML 5Page - Pulse A Technitrol Company PSB2186 Datasheet HTML 6Page - Pulse A Technitrol Company PSB2186 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
T604.F (05/12)
6
pulseelectronics.com
ISDN S-Interface Transformers
Designed for 4-wire links, ISDN-S/T and T1/E1/CEPT
High frequency chokes for EMI reduction
Low frequency chokes improve longitudinal balance in
ISDN-S/T links
Surface mount and through hole models available
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
Part
Number
OCL Pri
(mH MIN)
L Sec
(
μH MAX)
Cw/w
(pF MAX)
DCR
(W MAX)
Isolation
(VRMS MIN)
Package /
Schematic
PE-65853NL
4.7 mH
±30%
1
60
1.20
500
PA-2/5C (Surface Mount)
PE-65950NL
4.7 mH
±30%
1
50
1.00
500
IS-4/1C (Through Hole)
PE-65554NL
24.0
μH MIN
.20
15
0.30
500
IN-1/C (Through Hole)
PE-65854NL
47.0
μH MIN
.18
20
0.40
50
SH-4/C (Surface Mount)
PE-65857NL
22.5
μH MIN
.23
17
0.30
500
LA-1/C (Surface Mount)
E
E
F
L
Low Frequency
High Frequency
Common Mode Chokes for Telecom Applications
0
-5
-10
-15
-20
-25
-30
1 MHz
10 MHz
100 MHz
Frequency
PE-65854
PE-65554/65857
3.0K
2.8K
2.6K
2.4K
2.2K
2.0K
1.8K
1.6K
1.4K
1.2K
1K
800
600
400
200
0
1 MHz
10 MHz
100 MHz
Frequency
PE-65554/65857
PE-65854
Typical common
mode attenuation
for high frequency
common mode
chokes based on
a 100 system.
Typical impedance
for high frequency
common mode
chokes based on
a 100 system.
20K
18K
16K
14K
12K
10K
8K
6K
4K
2K
0
100 KHz1 MHz
10 MHz
Frequency
PE-65950/65853
PE-65541
Typical common
mode attenuation
for low frequency
common mode
chokes based on
a 100 system.
Typical impedance
for low frequency
common mode
chokes based on
a 100 system.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com