Electronic Components Datasheet Search
  English  ▼

X  

LMV921 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMV921 Datasheet HTML 11Page - National Semiconductor (TI) LMV921 Datasheet HTML 12Page - National Semiconductor (TI) LMV921 Datasheet HTML 13Page - National Semiconductor (TI) LMV921 Datasheet HTML 14Page - National Semiconductor (TI) LMV921 Datasheet HTML 15Page - National Semiconductor (TI) LMV921 Datasheet HTML 16Page - National Semiconductor (TI) LMV921 Datasheet HTML 17Page - National Semiconductor (TI) LMV921 Datasheet HTML 18Page - National Semiconductor (TI) LMV921 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Application Note
1.0 Unity Gain Pulse Response Considerations
The unity-gain follower is the most sensitive configuration to
capacitive loading. The LMV921/LMV922/LMV924 family
can directly drive 1nF in a unity-gain with minimal ringing. Di-
rect capacitive loading reduces the phase margin of the am-
plifier. The combination of the amplifier’s output impedance
and the capacitive load induces phase lag. This results in ei-
ther an underdamped pulse response or oscillation. The
pulse response can be improved by adding a pull up resistor
as shown in
Figure 1
Higher capacitances can be driven by decreasing the value
of the pull-up resistor, but its value shouldn’t be reduced be-
yond the sinking capability of the part. An alternate approach
is to use an isolation resistor as illustrated in
Figure 2.
2.0 Input Bias Current Consideration
The LMV921/LMV922/LMV924 family has a bipolar input
stage. The typical input bias current (I
B) is 12nA. The input
bias current can develop a significant offset voltage. This off-
set is primarily due to I
B flowing through the negative feed-
back resistor, R
F. For example, if IB is 50nA (max room) and
R
F is 100kΩ, then an offset voltage of 5mV will develop (VOS
= I
BXRF). Using a compensation resistor (RC), as shown in
Figure 3, cancels this affect. But the input offset current (I
OS)
will still contribute to an offset voltage in the same manner.
3.0 Operating Supply Voltage
The LMV921/LMV922/LMV924 family is guaranteed to oper-
ate from 1.8V to 5.0V. They will begin to function at power
voltages as low as 1.2V at room temperature when un-
loaded. Start up voltage increases to 1.5V when the amplifier
is fully loaded (600
Ω to mid-supply). Below 1.2V the output
voltage is not guaranteed to follow the input.
Figure 4 below
shows the output voltage vs. supply voltage with the
LMV921/LMV922/LMV924 configured as a voltage follower
at room temperature.
4.0 Input and Output Stage
The rail-to-rail input stage of this family provides more flex-
ibility for the designer. The LMV921/LMV922/LMV924 use a
complimentary PNP and NPN input stage in which the PNP
stage senses common mode voltage near V
and the NPN
stage senses common mode voltage near V
+. The transition
from the PNP stage to NPN stage occurs 1V below V
+. Since
both input stages have their own offset voltage, the offset of
the amplifier becomes a function of the input common mode
voltage and has a crossover point at 1V below V
+ as shown
in the V
OS vs. VCM curves.
DS100979-41
FIGURE 1. Using a Pull-Up Resistor at the Output for
Stabilizing Capacitive Loads
DS100979-43
FIGURE 2. Using an Isolation Resistor to Drive Heavy
Capacitive Loads
DS100979-59
FIGURE 3. Canceling the Voltage Offset Effect of Input
Bias Current
DS100979-D2
FIGURE 4.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com