Electronic Components Datasheet Search
  English  ▼

X  

IR4427 Datasheet(PDF) 9 Page - International Rectifier

Part # IR4427
Description  DUAL LOW SIDE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4427 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR4427 Datasheet HTML 4Page - International Rectifier IR4427 Datasheet HTML 5Page - International Rectifier IR4427 Datasheet HTML 6Page - International Rectifier IR4427 Datasheet HTML 7Page - International Rectifier IR4427 Datasheet HTML 8Page - International Rectifier IR4427 Datasheet HTML 9Page - International Rectifier IR4427 Datasheet HTML 10Page - International Rectifier IR4427 Datasheet HTML 11Page - International Rectifier IR4427 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.irf.com
9
IR4426/IR4427/IR4428(S) & (PbF)
ADVANCE INFORMATION
5
7
3
6
4.7UF
VS = 15V
INA
INB
2
4
0.1UF
OUTA
CL = 1000PF
OUTB
CL = 1000PF
IR4428
INA
INB
OUTA
OUTB
5
7
3
6
4.7UF 0.1UF
CL = 1000PF
CL = 1000PF
VS = 15V
2
4
IR4426
Figure 5. Switching Time Test Circuits
5
7
3
6
4.7UF
VS = 15V
2
4
INA
INB
OUTA
CL = 1000PF
OUTB
CL = 1000PF
0.1UF
IR4427



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com