Electronic Components Datasheet Search
  English  ▼

X  

LMV931 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV931
Description  1.8V, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV931 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV931 Datasheet HTML 1Page - National Semiconductor (TI) LMV931 Datasheet HTML 2Page - National Semiconductor (TI) LMV931 Datasheet HTML 3Page - National Semiconductor (TI) LMV931 Datasheet HTML 4Page - National Semiconductor (TI) LMV931 Datasheet HTML 5Page - National Semiconductor (TI) LMV931 Datasheet HTML 6Page - National Semiconductor (TI) LMV931 Datasheet HTML 7Page - National Semiconductor (TI) LMV931 Datasheet HTML 8Page - National Semiconductor (TI) LMV931 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2.7V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V − = 0V, V
CM =V
+/2, V
O =V
+/2 and
R
L > 1M
Ω. Boldface limits apply at the temperature extremes. See (Note 10)
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
CMRR
Common Mode Rejection
Ratio
LMV931, 0
≤ V
CM
≤ 1.5V
2.3V
≤ V
CM
≤ 2.7V (Note 8)
60
55
81
dB
LMV932 and LMV934
0
≤ V
CM
≤ 1.5V
2.3V
≤ V
CM
≤ 2.7V (Note 8)
55
50
80
−0.2V
≤ V
CM
≤ 0V
2.7V
≤ V
CM
≤ 2.9V
50
74
PSRR
Power Supply Rejection
Ratio
1.8V
≤ V+ ≤ 5V
V
CM = 0.5V
75
70
100
dB
V
CM
Input Common-Mode Voltage
Range
For CMRR
Range
≥ 50dB
T
A = 25˚C
V
− −0.2
−0.2 to 3.0
V
+ +0.2
V
T
A = −40˚C to
85˚C
V
−
V
+
T
A = 125˚C
V
− +0.2
V
+ −0.2
A
V
Large Signal Voltage Gain
LMV931 (Single)
R
L = 600
Ω to 1.35V,
V
O = 0.2V to 2.5V
87
86
104
dB
R
L =2k
Ω to 1.35V,
V
O = 0.2V to 2.5V
92
91
110
Large Signal Voltage Gain
LMV932 (Dual)
LMV934 (Quad)
R
L = 600
Ω to 1.35V,
V
O = 0.2V to 2.5V
78
75
90
dB
R
L =2k
Ω to 1.35V,
V
O = 0.2V to 2.5V
81
78
100
V
O
Output Swing
R
L = 600
Ω to 1.35V
V
IN = ±100mV
2.55
2.53
2.62
V
0.083
0.110
0.130
R
L =2k
Ω to 1.35V
V
IN = ±100mV
2.65
2.64
2.675
0.025
0.04
0.045
I
O
Output Short Circuit Current
Sourcing, V
O =0V
V
IN = 100mV
20
15
30
mA
Sinking, V
O =0V
V
IN = −100mV
18
12
25
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V − = 0V, V
CM = 1.0V, VO = 1.35V and
R
L > 1M
Ω. Boldface limits apply at the temperature extremes. See (Note 10)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
SR
Slew Rate
(Note 7)
0.4
V/µs
GBW
Gain-Bandwidth Product
1.4
MHz
Φ
m
Phase Margin
70
deg
G
m
Gain Margin
7.5
dB
e
n
Input-Referred Voltage Noise
f = 1kHz, V
CM = 0.5V
57
i
n
Input-Referred Current Noise
f = 1kHz
0.082
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com