Electronic Components Datasheet Search
  English  ▼

X  

LT106 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LT106
Description  LT Series: 25/30 WATT Wide Input Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LT106 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LT106 Datasheet HTML 1Page - List of Unclassifed Manufacturers LT106 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENERAL SPECIFICATIONS
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
43
ELECTRICAL SPECIFICATIONS
All specifications typical at nominal line, full load and 25°C
DIMENSIONS AND CONNECTIONS
Voltage Accuracy
Single Output . . . . . . . . . . . . .±1% max.
Dual+Output . . . . . . . . . . . . .±1% max.
-Output . . . . . . . . . . . . . . . . .±3% max.
Triple 5V . . . . . . . . . . . . . . . .±2% max.
12V/15V . . . . . . . . . . . . . . . .±5% max.
-5V . . . . . . . . . . . . . . . . . . . .±2% max.
Voltage Balance, Dual Output at Full Load . . . . . . .±1% max.
Transient Response:
Single, 25% Step Load Change . . . . . . . . . . . .<500µ sec.
Dual, FL-1/2L±1% Error Band . . . . . . . . . . . . . .<500µ sec.
External Trim Adj. Range . . . . . . . . . . . . . . . . . . . . . . . .±10%
Ripple & Noise, 20MHz BW . . . . . . . . . . . .10mV RMS, max.
75mV P-P max.
Temperature Coefficient . . . . . . . . . . . . . . . .±0.02%/°C max.
Short Circuit Protection . . . . . . . . . . . . . . . . . . . . . .Indefinite
Overvoltage Protection, 5V . . . . . . . . . . . . . . . . . . . . . .6.8V
12V . . . . . . . . . . . . . . . . . . . . . .15V
15V . . . . . . . . . . . . . . . . . . . . . .18V
Line Regulation
1:
Single Output . . . . . . . . . . .±0.5% max.
Triple Output . . . . . . . . . . . . .±1% max.
Load Regulation
2:
Single/Dual Output . . . . . . . . .±1% max.
Triple Output . . . . . . . . . . . . .±5% max.
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . .See Table
Input Filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
π Type
Reverse Voltage Protection
3
. . . . . . . . . .Internal Shunt Diode
Use External Fuse
Efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .See Table
Isolation Voltage . . . . . . . . . . . . . . . . . . . . . . . .500VDC min.
Isolation Resistance . . . . . . . . . . . . . . . . . . . . .10
9 ohms min.
Switching Frequency . . . . . . . . . . . . . . . . . . . . . . . . .100kHz
Case Grounding . . . . . . . . . . . . . . .Capacity Coupled to Input
Operating Temperature Range . . . . . . . . . . . .-25°C to +71°C
Storage Temperature Range . . . . . . . . . . . . .-55°C to +105°C
EM/RFI . . . . . . . . . . . . . . . . . . . .Six-sided Continuous Shield
Dimensions . . . . . . . . . . . . . . . . . . . .2.56 x 3.0 x 0.83 inches
(65 x 76.2 x 21.1 mm)
Case Material . . . . . . . . . . . . . . . . .Black Coated Copper with
Non-Conductive Base
NOTE:
1. Measured from High Line to Low Line.
2. Measured from Full Load to 1/4 Full Load.
3. Determine the correct fuse size by calculating the
maximum DC current drain at low line input,
maximum load and then adding 20 to 25% to get
the desired fuse size.
4. A 10% minimum load is required on dual and triple
output models for rated performance.
Dimensions in inches (mm)
Specifications subject to change.
PIN CONNECTIONS
PIN
SINGLE
DUAL
TRIPLE
1
+ Input
+ Input
+ Input
2
- Input
- Input
- Input
3
No Pin
+ Output
+ Output
4
Output Trim
Common
Common
5
No Pin
- Output
- Output
6
+ Output
No Pin
+5V Output
7
- Output
No Pin
No Pin
8
Remote On/Off Control
REMOTE ON/OFF CONTROL
Logic Compatibility . .CMOS or Open Collector TTL
Ec-ON, . . . . . . . . . . . . .>+5.5 VDC or Open Circuit
Ec-OFF, . . . . . . . . . . . . . . . . . . . . . . . . .<0.8 VDC
Shutdown Idle Current . . . . . . . . . . . . . . . . . .10mA
Input Resistance . . . .(Ein 0 VDC to 9 VDC) 100K
Ω
Control Common . . . . . .Referenced to input Minus
EXTERNAL OUTPUT TRIMMING
OUTPUT MAY OPTIONALLY BE EXTERNALLY TRIMMED (±10%) WITH
A FIXED RESISTOR OR AN EXTERNAL TRIMPOT AS SHOWN.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com