Electronic Components Datasheet Search
  English  ▼

X  

HLA.01 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # HLA.01
Description  Low profile
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

HLA.01 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  HLA.01 Datasheet HTML 1Page - Taoglas antenna solutions HLA.01 Datasheet HTML 2Page - Taoglas antenna solutions HLA.01 Datasheet HTML 3Page - Taoglas antenna solutions HLA.01 Datasheet HTML 4Page - Taoglas antenna solutions HLA.01 Datasheet HTML 5Page - Taoglas antenna solutions HLA.01 Datasheet HTML 6Page - Taoglas antenna solutions HLA.01 Datasheet HTML 7Page - Taoglas antenna solutions HLA.01 Datasheet HTML 8Page - Taoglas antenna solutions HLA.01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SPE-12-8-116/B/SS
Page 1 of 19
SPECIFICATION
Part No.
: HLA.01
Product Name
: 5150-5900 MHz Ceramic Loop antenna
WLAN/ Wi-Fi/ HDMI
Feature
: 3.2mm *1.6mm * 0.5mm
Low profile
Peak gain 2.1dBi
65%+ Efficiency Typical
Compact Size
RoHS Compliant
Top
Bottom
HLAD.01 EVB Board


Similar Part No. - HLA.01

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
logo
List of Unclassifed Man...
HLA01 ETC2-HLA01 Datasheet
1Mb / 18P
5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
logo
Taoglas antenna solutio...
HLA01 TAOGLAS-HLA01 Datasheet
1Mb / 19P
5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
logo
Copal Electronics
HLA108A COPAL-HLA108A Datasheet
557Kb / 6P
Miniature Rocker Switches
HLA108A12 COPAL-HLA108A12 Datasheet
557Kb / 6P
Miniature Rocker Switches
More results

Similar Description - HLA.01

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
650-450.0M OSCILENT-650-450.0M Datasheet
139Kb / 2P
Low Profile
logo
AVX Corporation
TAJY476K025RNJ AVX-TAJY476K025RNJ Datasheet
121Kb / 5P
Low Profile
TAJV107K025RNJ AVX-TAJV107K025RNJ Datasheet
115Kb / 5P
Low Profile
TAJC107K010RNJV AVX-TAJC107K010RNJV Datasheet
110Kb / 5P
Low Profile
logo
Oscilent Corporation
620 OSCILENT-620 Datasheet
146Kb / 2P
Low Profile
650 OSCILENT-650 Datasheet
139Kb / 2P
Low Profile
logo
AAEON Technology
EMB-Q170B AAEON-EMB-Q170B Datasheet
280Kb / 2P
low profile
logo
ECS, Inc.
ECS-TXO-2520 ECS-ECS-TXO-2520 Datasheet
591Kb / 2P
Low Profile
logo
Everlight Electronics C...
EALP03SXBYA0-AM EVERLIGHT-EALP03SXBYA0-AM Datasheet
550Kb / 15P
Low profile.
logo
AVX Corporation
NOJ-LP AVX-NOJ-LP Datasheet
258Kb / 4P
Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com