Electronic Components Datasheet Search
  English  ▼

X  

LMV393 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV393
Description  General Purpose, Low Voltage, TinyPack Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV393 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV393 Datasheet HTML 1Page - National Semiconductor (TI) LMV393 Datasheet HTML 2Page - National Semiconductor (TI) LMV393 Datasheet HTML 3Page - National Semiconductor (TI) LMV393 Datasheet HTML 4Page - National Semiconductor (TI) LMV393 Datasheet HTML 5Page - National Semiconductor (TI) LMV393 Datasheet HTML 6Page - National Semiconductor (TI) LMV393 Datasheet HTML 7Page - National Semiconductor (TI) LMV393 Datasheet HTML 8Page - National Semiconductor (TI) LMV393 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
LMV331/ 393/ 339
800V
Machine Model LMV331/339/393
120V
Differential Input Voltage
± Supply Voltage
Voltage on any pin
(referred to V
− pin)
5.5V
Soldering Information
Infrared or Convection (20 sec)
235˚C
Storage Temp. Range
−65˚C to +150˚C
Junction Temperature (Note 3)
150˚C
Operating Ratings(Note 1)
Supply Voltage
2.7V to 5.0V
Temperature Range
LMV393, LMV339,
LMV331
−40˚C
≤ T
J ≤ +85˚C
Thermal Resistance (
θ
JA)
M Package, 8-pin Surface
Mount
190˚C/W
M Package, 14-pin Surface
Mount
145˚C/W
MTC Package, 14-pin
TSSOP
155˚C/W
MAA05 Package, 5-pin
SC70-5
478˚C/W
M05A Package 5 -pin
SOT23-5
265˚C/W
MM Package, 8-pin Mini
Surface Mount
235˚C/W
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V+ = 2.7V, V− = 0V. Boldface limits apply at the temperature
extremes.
Symbol
Parameter
Conditions
Typ
(Note 4)
LMV331/
393/339
Limit
(Note 5)
Units
V
OS
Input Offset Voltage
1.7
7
mV
max
TCV
OS
Input Offset Voltage
Average Drift
5
µV/˚C
I
B
Input Bias Current
10
250
400
nA max
I
OS
Input Offset Current
5
50
150
nA max
V
CM
Input Voltage Range
−0.1
V
2.0
V
V
SAT
Saturation Voltage
I
sink ≤ 1mA
200
mV
I
O
Output Sink Current
V
O ≤ 1.5V
23
5
mA min
I
S
Supply Current
LMV331
40
100
µA max
LMV393
Both Comparators
70
140
µA max
LMV339
All four Comparators
140
200
µA max
Output Leakage Current
.003
1
µA max
2.7V AC Electrical Characteristics
T
J = 25˚C, V+ = 2.7V, RL = 5.1 kΩ,V− = 0V.
Symbol
Parameter
Conditions
Typ
(Note 4)
Units
t
PHL
Propagation Delay (High to Low)
Input Overdrive =10 mV
1000
ns
Input Overdrive =100 mV
350
ns
t
PLH
Propagation Delay (Low to High)
Input Overdrive =10 mV
500
ns
Input Overdrive =100 mV
400
ns
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com