Electronic Components Datasheet Search
  English  ▼

X  

MAX4106ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4106ESA
Description  350MHz, Ultra-Low-Noise Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4106ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4106ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4106ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4106ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4106ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4106ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4106ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4106ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4106ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4106ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
350MHz, Ultra-Low-Noise Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VEE = -5V, TA = TMIN to TMAX, typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC to VEE).......................................12V
Voltage on Any Pin to Ground or Any Other Pin .........VCC to VEE
Short-Circuit Duration (VOUT to GND)........................Continuous
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) ........................471mW
Operating Temperature Range
MAX4106ESA/MAX4107ESA ..........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VOUT = 0V
Short to ground
VOUT = 0V
RL = 30Ω, TA = 0°C to +85°C
VIN = 0V
f = 1MHz to 100MHz
f = 10kHz
VOUT = ±2.0V,
VCM = 0V
f = 1MHz to 100MHz
f = 10kHz
VOUT = 0V, VIN = -VOS
VOUT = 0V, VIN = -VOS
Either input
VCM = ±2.5V
Either input
CONDITIONS
mA
90
ISC
Short-Circuit Output Current
mA
65
80
IOUT
Output Current Drive
mA
15
19
IS
Supply Current
dB
80
100
AVOL
Open-Loop Voltage Gain
80
100
dB
70
100
CMR
Common-Mode Rejection
V
-2.5
2.5
VCM
Common-Mode Input Voltage
µV/°C
1.0
TCVOS
Input Offset Voltage Drift
mV
0.250
3
VOS
Input Offset Voltage
nARMS
31
InRMS
Integrated Current Noise
pA/
√Hz
2.5
In
Input Current Noise
µVRMS
9.5
EnRMS
Integrated Voltage Noise
nV/
√Hz
0.75
en
Input Voltage Noise
µA
18
26
IB
Input Bias Current
µA
0.05
2
IOS
Input Offset Current
M
Ω
1
RINCM
Common-Mode Input
Resistance
pF
1
CINCM
Common-Mode Input
Capacitance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RL = ∞
RL = 100Ω
VS = ±4.5V to ±5.5V
dB
75
100
PSR
Power-Supply Rejection
RL = 100Ω
RL = ∞
V
±3.0
±3.5
VOUT
Output Voltage Swing
±3.2
±3.8
DC SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com