Electronic Components Datasheet Search
  English  ▼

X  

20DRGS5 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 20DRGS5
Description  HIGH PERFORMANCE FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

20DRGS5 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  20DRGS5 Datasheet HTML 1Page - Delta Electronics, Inc. 20DRGS5 Datasheet HTML 2Page - Delta Electronics, Inc. 20DRGS5 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02DRCG5
05DRCG5
10K
40 dB
80 dB
60 dB
20 dB
0 dB
40 dB
80 dB
60 dB
20 dB
0 dB
100K
1M
10M
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
10DRCG5
10K
100K
1M
10M
UNIT:
INCH
mm
GG5
CW5
A MAX.
E MAX.
D
0.188(2X)
4.8(2X)
WIRE LENGTH : 4.0" MIN.
6-8
A MAX.
50.8
2.0
0.255X0.157(4X)
6.5X4.0(4X)
BLUE
BLUE
BROWN
BROWN
G/Y
MECHANICAL CONSTRUCTION
INSERTION LOSS (TYPICAL)
MINIMUM INSERTION LOSS IN dB
2A
5
50
65
60
54
46
3, 5A
12
60
65
60
54
46
3, 5A(S)
10
65
70
70
60
50
10A
7
53
60
55
45
40
15A
8
30
40
45
40
40
20A
7
55
50
50
55
40
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
2A
40
60
65
55
50
40
3, 5A
40
60
65
65
60
45
3, 5A(S)
38
60
65
55
45
40
10A
30
60
65
50
45
40
15A
23
45
50
45
40
30
20A
20
35
40
50
55
40
COMMON MODE (L-G) IN 50 OHM SYSTEM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com