Electronic Components Datasheet Search
  English  ▼

X  

APDS-9960 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9960
Description  Digital Proximity, Ambient Light, RGB and Gesture Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9960 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS-9960 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
ALS Interrupt Threshold Register (0x84 – 0x87)
ALS level detection uses data generated by the Clear Channel. The ALS Interrupt Threshold registers provide 16-bit
values to be used as the high and low thresholds for comparison to the 16-bit CDATA values. If AIEN is enabled and
CDATA is greater than AILTH/AIHTH or less than AILTL/AIHTL for the number of consecutive samples specified in APERS
an interrupt is asserted on the interrupt pin.
Field
Address
Bits
Description
AILTL
0x84
7:0
This register provides the low byte of the low interrupt threshold.
AILTH
0x85
7:0
This register provides the high byte of the low interrupt threshold.
AIHTL
0x86
7:0
This register provides the low byte of the high interrupt threshold.
AIHTH
0x87
7:0
This register provides the high byte of the high interrupt threshold.
Proximity Interrupt Threshold Register (0x89/0x8B)
The Proximity Interrupt Threshold Registers set the high and low trigger points for the comparison function which gen-
erates an interrupt. If PDATA, the value generated by proximity channel, crosses below the lower threshold specified, or
above the higher threshold, an interrupt may be signaled to the host processor. Interrupt generation is subject to the
value set in persistence (PERS).
Field
Address
Bits
Description
PILT
0x89
7:0
This register provides the low interrupt threshold.
PIHT
0x8B
7:0
This register provides the high interrupt threshold.
Wait Time Register (0x83)
The WTIME controls the amount of time in a low power mode between Proximity and/or ALS cycles. It is set 2.78ms
increments unless the WLONG bit is asserted in which case the wait times are 12× longer. WTIME is programmed as a 2’s
complement number. Upon power up, the wait time register is set to 0xFF.
Field
Bits
Description
WTIME
7:0
FIELD VALUE
WAIT TIME
TIME (WLONG = 0)
TIME (WLONG = 1)
0
256
712 ms
8.54 s
= 256 – TIME / 2.78 ms
…
…
171
85
236 ms
2.84 s
255
1
2.78 ms
0.03 s
Notes:
1. The wait time register should be configured before AEN and/or PEN is asserted.
2. During any Proximity and/or ALS cycle, the wait state, depicted in the functional block diagram, is entered. For example, Prox only, Prox and ALS,
or ALS only cycles always enter the WAIT state and are separated by the time defined by WTIME.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com