Electronic Components Datasheet Search
  English  ▼

X  

KPC452 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPC452
Description  Compact Surface Mount, High Collector emitter Voltage Type Photo Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC452 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPC452 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC452 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
c 2004
cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
74
1. Anode
2. Cathode
3. Emitter
4. Collector
Features
1. Mini-flat package.
2. High collector-emitter voltage
(VCEO:300V)
3. High current transfer ratio
(CTR:MIN.1000% at IF=1mA, VCE:2V )
4. High isolation voltage between input and output
(Viso:3750Vrms).
Applications
1. Telephone sets.
2. Copiers, facsimiles.
3. Interfaces with various power supply circuits, power distribution
boards.
4. Hybrid substrates which reguire high density mounting.
Absolute Maximum Ratings
(Ta=25
°C)
Electro-optical Characteristics
(Ta=25
°C)
UL 1577 (File No.E169586)
TOLERANCE :+ 0.2mm
t=0.254+0.05mm
Schematic : Top View
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current
IFM
1
A
Reverse voltage
VR
6
V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
VCEO
300
V
Emitter-collector voltage
VECO
0.1
V
Collector current
IC
150
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
170
mW
Isolation voltage 1 minute
Viso
3750
Vrms
Operating temperature
Topr
-30 to +100
°C
Storage temperature
Tstg
-40 to +125
°C
Soldering temperature 10 seconds
Tsol
260
°C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF=10mA
—
1.2
1.4
V
Reverse current
IR
VR=4V
—
—
10
uA
Terminal capacitance
Ct
V=0, f=1kHz
—
30
—
pF
Output
Collector dark current
ICEO
VCE=200V, IF=0
—
—
1
uA
Collector-emitter breakdown voltage
BVCEO
IC=0.1mA, IF=0
300
—
—
V
Transfer
Current transfer ratio
CTR
IF=1mA,VCE=2V
1000
—
%
charac-
Collector-emitter saturation voltage
VCE (sat)
IF=20mA, IC=100mA
—
—
1.5
V
teristics
Isolation resistance
Riso
DC500V, 40 TO 60%RH
5X10
10
10
11
—
ohm
Floating capacitance
Cf
V=0, f=1MHZ
—
0.6
1.0
pF
Respone time (Rise)
tr
VCE=2V, IC=20mA, RL=100ohm
—
100
300
us
Respone time (Fall)
tf
—
20
100
us
Outside Dimension : Unit (mm)
KPC452
Compact Surface Mount, High Collector
emitter Voltage Type Photo Coupler


Similar Part No. - KPC452

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC452ETLD COSMO-KPC452ETLD Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC452ETRU COSMO-KPC452ETRU Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC452 COSMO-KPC452_12 Datasheet
119Kb / 6P
Pb free and RoHS compliant.
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
More results

Similar Description - KPC452

ManufacturerPart #DatasheetDescription
logo
NEC
PS2631 NEC-PS2631 Datasheet
61Kb / 8P
HIGH COLLECTOR VOLTAGE 6PIN PHOTO COUPLER
logo
Sharp Corporation
PC452 SHARP-PC452 Datasheet
51Kb / 4P
Compact Surface Mount, High Collector emitter Voltage Type Photocoupler
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC8D52 SHARP-PC8D52 Datasheet
82Kb / 5P
High Collector-emitter Voltage Type Photocouplers
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
logo
Renesas Technology Corp
PS2631 RENESAS-PS2631 Datasheet
194Kb / 10P
HIGH COLLECTOR VOLTAGE 6PIN PHOTO COUPLER
April 1st, 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com