Electronic Components Datasheet Search
  English  ▼

X  

RSEA Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # RSEA
Description  SURFACE MOUNT TUNING FORK CRYSTAL UNIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RSEA Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  RSEA Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
PIN 4
PIN 3
PIN 2
PIN 1
MARKING
AREA
0.6
.024
5.5
.217
0.6
.024
0.7
.028
4.8
.189
0.7
.028
SOLDER PAD LAYOUT
1.4
.055
1.4
.055
PIN 4
PIN 3
PIN 2
PIN 1
LEAD CONNECTION "C"
PIN 4
PIN 3
PIN 2
PIN 1
LEAD CONNECTION "D"
8.7
.343
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
0
-10
25
60
TEMP
(°C)
f/fo
∆
(ppm)
-50
330mm REEL DIAMETER
16mm TAPE WIDTH, 8mm PITCH
QUANTITY: RSE A OR B 2000 PIECES PER REEL
RSE C OR D 3000 PIECES PER REEL
SERIES RSE A, B, C, D
RSE A, B
RSE C, D
HOLDER
TYPE
-
FREQUENCY
-
LOAD
CAPACITANCE
-
CIRCUIT
TYPE
-
TAPE AND REEL
RSE
IN KHz
6 OR 12.5 pF
A
B
C
D
TR
EXAMPLE: RSE-32.768-12.5-B-TR
FEATURES
SPECIFICATIONS
OUTLINE DRAWINGS
PACKAGING
REFLOW SOLDERING PROFILE
FREQUENCY VS. TEMPERATURE CURVE
PART NUMBERING SYSTEM
CARRIER TAPE DIMENSIONS
SUITABLE FOR TIME OF DAY CLOCK APPLICATIONS
LOW FREQUENCY RANGE
EXCELLENT FOR AUTOMATIC AND HIGH DENSITY SURFACE MOUNTING
NOMINAL FREQUENCY
32.768 KHz
24.00 TO 350.00 KHz
351.00 KHz TO 615.00 KHz
FREQUENCY TOLERANCE
±20 PPM MAXIMUM (±50 PPM AND ±100 PPM AVAILABLE)
TURNOVER TEMPERATURE
±25°C ±5°C
±25°C ±8°C
±25°C ±15°C
TEMPERATURE COEFFICIENT
(-0.035 ± 0.008) PPM/
∆ °C²
LOAD CAPACITANCE
6.0 TO 12.5 pF
EQUIVALENT SERIES
RESISTANCE (ESR)
50 K OHM MAXIMUM
50 K OHM MAXIMUM
20 K OHM MAXIMUM
DRIVE LEVEL
1.0 µW MAXIMUM
SHUNT CAPACITANCE
1.0 pF TYPICAL
0.95 pF TYPICAL
0.9 pF TYPICAL
AGING (FIRST YEAR)
±5 PPM MAXIMUM
OPERATING TEMPERATURE
RANGE
-40°C TO +85°C
STORAGE TEMPERATURE
RANGE
-55°C TO +125°C
SHOCK RESISTANCE
±5 PPM MAXIMUM 75 cm DROP TEST IN 3 AXES ONTO A HARD SURFACE OR
3000 g x 0.3 ms x ½ SINEWAVE IN 3 AXES
SOLDER REFLOW CONDITIONS
230 °C MAXIMUM FOR 20 s MAXIMUM
PIN 4
PIN 3
PIN 2
PIN 1
10.41
.410
9.40
.370
2.7
.106
5.0
.197
2.7
.106
PIN 4
PIN 3
PIN 2
PIN 1
LEAD CONNECTION “A”
LEAD CONNECTION “B”
PIN 4
PIN 3
PIN 2
PIN 1
0.51
.020
2.29
.090
0.51
.020
2.54
.100
.100
2.54
SOLDER PAD LAYOUT
MARKING
AREA
3
Scale none Dimension in
mm
inch
PREHEATING
REFLOW
COOLING
230 °C
150 °C
25 °C
30 - 40 s
TIME (SECONDS)
15 - 20 s
1.5 DIA
.06 DIA
.16 ± .004
4.0 ± 0.1
4.3 ± 0.1
.170 ± .004
8.0 ± 0.1
.315 ± .004
2.0 ± 0.05
.079 ± .002
H
CAVITY HEIGHT "H"
RSE "A AND B" = 4.0 mm/.157 in
RSE "C AND D" = 3.0 mm/.118 in


Similar Part No. - RSEA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
2:1 Wide Input Range
logo
Raltron Electronics Cor...
RSE RALTRON-RSE Datasheet
31Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
logo
SHINMEI ELECTRIC CO., L...
RSE SHINMEI-RSE Datasheet
87Kb / 3P
Ultra small size, High sensitive (50mW,150mW), Single pole relay
logo
Recom International Pow...
RSE-0505H2 RECOM-RSE-0505H2 Datasheet
371Kb / 5P
2:1 Wide Input Range
RSE-0505S RECOM-RSE-0505S Datasheet
371Kb / 5P
2:1 Wide Input Range
More results

Similar Description - RSEA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM519 ETC2-CM519 Datasheet
695Kb / 1P
TUNING FORK CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CMJ206T32.768KDZF-UT CITIZEN-CMJ206T32.768KDZF-UT Datasheet
74Kb / 1P
TUNING FORK CRYSTAL UNIT
logo
Raltron Electronics Cor...
RSE RALTRON-RSE Datasheet
31Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
RSEH14 RALTRON-RSEH14 Datasheet
35Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
RSEH15 RALTRON-RSEH15 Datasheet
26Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
RSM200S RALTRON-RSM200S Datasheet
37Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
RSEB RALTRON-RSEB Datasheet
57Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
RSM200S RALTRON-RSM200S_17 Datasheet
335Kb / 3P
SURFACE MOUNT TUNING FORK CRYSTAL
RT1610 RALTRON-RT1610 Datasheet
163Kb / 3P
SURFACE MOUNT TUNING FORK CRYSTAL
logo
CITIZEN ELECTRONICS CO....
CM2012H CITIZEN-CM2012H Datasheet
463Kb / 2P
TUNING FORK CRYSTAL UNIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com