Electronic Components Datasheet Search
  English  ▼

X  

HDSP Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP
Description  Low Current Seven Segment Displays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HDSP Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Absolute Maximum Ratings
AlGaAs Red - HDSP-
HER
A10X/E10X/H10X
HDSP-751X/
Yellow
Green
K12X/N10X/
335X/555X/
HDSP-A80X
HDSP-A90X
Description
F10X, G10X Series
K70X Series
Series
Series
Units
Average Power per Segment or DP
37
52
64
mW
Peak Forward Current per
4 5
mA
Segment or DP
DC Forward Current per
15[1]
15[2]
mA
Segment or DP
Operating Temperature Range
-20 to +100
-40 to +100
°C
Storage Temperature Range
-55 to +100
°C
Reverse Voltage per Segment
3 . 0
V
or DP
Wave Soldering Temperature
for 3 Seconds (1.60 mm [0.063 in.]
250
°C
below seating body)
Notes:
1. Derate above 91°C at 0.53 mA/°C.
2. Derate HER/Yellow above 80°C at 0.38 mA/°C and Green above 71°C at 0.31 mA/°C.
Internal Circuit Diagram (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com