Electronic Components Datasheet Search
  English  ▼

X  

PA.11 Datasheet(PDF) 18 Page - Taoglas antenna solutions

Part # PA.11
Description  SMT Mount
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.11 Datasheet(HTML) 18 Page - Taoglas antenna solutions

Back Button PA.11 Datasheet HTML 11Page - Taoglas antenna solutions PA.11 Datasheet HTML 12Page - Taoglas antenna solutions PA.11 Datasheet HTML 13Page - Taoglas antenna solutions PA.11 Datasheet HTML 14Page - Taoglas antenna solutions PA.11 Datasheet HTML 15Page - Taoglas antenna solutions PA.11 Datasheet HTML 16Page - Taoglas antenna solutions PA.11 Datasheet HTML 17Page - Taoglas antenna solutions PA.11 Datasheet HTML 18Page - Taoglas antenna solutions PA.11 Datasheet HTML 19Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
SPE-11-8-091/C Page 18 of 19
10. Recommended Reflow Temperature Profile
1. Time shown in the above figures is measured from the point when chip
surface reaches temperature.
2. Temperature difference in high temperature part should be within
110°C.
3. After soldering, do not force cool, allow the parts to cool gradually.
*General attention to soldering:
●High soldering temperatures and long soldering times can cause leaching of
the termination, decrease in adherence strength, and the change of
characteristic may occur.
● For soldering, please refer to the soldering curves above. However, please
keep exposure to temperatures exceeding 200°C to under 50 seconds.
● Please use a mild flux (containing less than 0.2wt% Cl). Also, if the flux is
water soluble, be sure to wash thoroughly to remove any residue from the
underside of components that could affect resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com