Electronic Components Datasheet Search
  English  ▼

X  

LM3940 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LM3940
Description  1.25A High Current Low Dropout
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM3940 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LM3940 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM3940 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM3940 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bay Linear, Inc 2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
LM3940
ABSOLUTE MAXIMUM RATINGS
Lead Temp. (Soldering, 5 Seconds).................................260°C
Input Voltage ........................................................26V
Storage Temperature Range.............................. -65° to +150°C
Maximum Output Current....................................3.5A
Operating Junction Temperature Range
Input Supply Voltage (Survival) .......... -20V to +60V
LM3940 Control Section........................... -45°C +125°C
LM3940 Power Transistor..........................-45°C +150°C
ELECTRICAL CHARACTERISTICS I
OUT = 5mA, V IN =V OUT + 1V, I l = 1250mA, C L = 10µF. Ta=25°C, unless otherwise specified.
PARAMETER
CONDITIONS
Typ
LM3940
Min
Max
Units
Output Voltage
5mA
≤IL≤1.25A
3.3
3.3
3.267
3.234
3.330
3.366
V
Output Voltage
5mA
≤IL≤1.25A
5.0
5.0
4.95
4.90
5.05
5.10
V
Line Regulation
IO = 5mA, 4.5V≤VIN ≤5.5V
20
40
mV
Load Regulation
50mA
≤ IOUT≤ 1.25 A
35
50
mV
IO = 5mA
120
180
IO = 1000mA
400
600
Dropout Voltage
IO = 1250mA
500
800
mV
Quiescent Current
IO = 5mA, VIN = VOUT, +1V
IO = 1000mA, VIN = VOUT, +1V
IO = 1.25A
240
22
35
350
35
70
µA
mA
Short Circuit Current
RL = 0
1.7
1.2
A
Current Limit
VOUT = 0V (Note 4)
1.7
1.5
A
Output Noise Voltage
(10Hz to 100kHz)
IL = 100mA
CL = 10µF
CL = 33µF
400
260
µV RMS
BLOCK DIAGRAM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com