Electronic Components Datasheet Search
  English  ▼

X  

LM4670ITL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4670ITL
Description  Filterless High Efficiency 3W Switching Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4670ITL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4670ITL Datasheet HTML 1Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 2Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 3Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 4Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 5Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 6Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 7Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 8Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagrams
9 Bump micro SMD Package
micro SMD Marking
20089936
Top View
Order Number LM4670ITL, LM4670ITLX
See NS Package Number TLA09ZZA
200899C6
Top View
X — Date Code
T — Die Traceability
G — Boomer Family
E6 – LM4670ITL
Leadless Leadframe Package (LLP)
LLP Marking
20089949
Top View
Order Number LM4670SD
See NS Package Number SDA08A
Contact NSC Sales Office for Availability
20089950
Top View
Z — Plant Code
XY — Date Code
TT — Die Traceability
L4670 — LM4670
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com