Electronic Components Datasheet Search
  English  ▼

X  

LM4670SD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4670SD
Description  Filterless High Efficiency 3W Switching Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4670SD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4670SD Datasheet HTML 6Page - National Semiconductor (TI) LM4670SD Datasheet HTML 7Page - National Semiconductor (TI) LM4670SD Datasheet HTML 8Page - National Semiconductor (TI) LM4670SD Datasheet HTML 9Page - National Semiconductor (TI) LM4670SD Datasheet HTML 10Page - National Semiconductor (TI) LM4670SD Datasheet HTML 11Page - National Semiconductor (TI) LM4670SD Datasheet HTML 12Page - National Semiconductor (TI) LM4670SD Datasheet HTML 13Page - National Semiconductor (TI) LM4670SD Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application Information
GENERAL AMPLIFIER FUNCTION
The output signals generated by the LM4670 consist of two,
BTL connected, output signals that pulse momentarily from
near ground potential to V
DD. The two outputs can pulse
independently with the exception that they both may never
pulse simultaneously as this would result in zero volts across
the BTL load. The minimum width of each pulse is approxi-
mately 350ns. However, pulses on the same output can
occur sequentially, in which case they are concatenated and
appear as a single wider pulse to achieve an effective 100%
duty cycle. This results in maximum audio output power for a
given supply voltage and load impedance. The LM4670 can
achieve much higher efficiencies than class AB amplifiers
while maintaining acceptable THD performance.
The short (350ns) drive pulses emitted at the LM4670 out-
puts means that good efficiency can be obtained with mini-
mal load inductance. The typical transducer load on an audio
amplifier is quite reactive (inductive). For this reason, the
load can act as it’s own filter, so to speak. This "filter-less"
switching amplifier/transducer load combination is much
more attractive economically due to savings in board space
and external component cost by eliminating the need for a
filter.
POWER DISSIPATION AND EFFICIENCY
In general terms, efficiency is considered to be the ratio of
useful work output divided by the total energy required to
produce it with the difference being the power dissipated,
typically, in the IC. The key here is “useful” work. For audio
systems, the energy delivered in the audible bands is con-
sidered useful including the distortion products of the input
signal.
Sub-sonic
(DC)
and
super-sonic
components
(>22kHz) are not useful. The difference between the power
flowing from the power supply and the audio band power
being transduced is dissipated in the LM4670 and in the
transducer load. The amount of power dissipation in the
LM4670 is very low. This is because the ON resistance of the
switches used to form the output waveforms is typically less
than 0.25
Ω. This leaves only the transducer load as a po-
tential "sink" for the small excess of input power over audio
band output power. The LM4670 dissipates only a fraction of
the excess power requiring no additional PCB area or cop-
per plane to act as a heat sink.
DIFFERENTIAL AMPLIFIER EXPLANATION
As logic supply voltages continue to shrink, designers are
increasingly turning to differential analog signal handling to
preserve signal to noise ratios with restricted voltage swing.
The LM4670 is a fully differential amplifier that features
differential input and output stages. A differential amplifier
amplifies the difference between the two input signals. Tra-
ditional audio power amplifiers have typically offered only
single-ended inputs resulting in a 6dB reduction in signal to
noise ratio relative to differential inputs. The LM4670 also
offers the possibility of DC input coupling which eliminates
the two external AC coupling, DC blocking capacitors. The
LM4670 can be used, however, as a single ended input
amplifier while still retaining it’s fully differential benefits. In
fact, completely unrelated signals may be placed on the
input pins. The LM4670 simply amplifies the difference be-
tween the signals. A major benefit of a differential amplifier is
the improved common mode rejection ratio (CMRR) over
single input amplifiers. The common-mode rejection charac-
teristic of the differential amplifier reduces sensitivity to
ground offset related noise injection, especially important in
high noise applications.
PCB LAYOUT CONSIDERATIONS
As output power increases, interconnect resistance (PCB
traces and wires) between the amplifier, load and power
supply create a voltage drop. The voltage loss on the traces
between the LM4670 and the load results is lower output
power and decreased efficiency. Higher trace resistance
between the supply and the LM4670 has the same effect as
a poorly regulated supply, increase ripple on the supply line
also reducing the peak output power. The effects of residual
trace resistance increases as output current increases due
to higher output power, decreased load impedance or both.
To maintain the highest output voltage swing and corre-
sponding peak output power, the PCB traces that connect
the output pins to the load and the supply pins to the power
supply should be as wide as possible to minimize trace
resistance.
The use of power and ground planes will give the best
THD+N performance. While reducing trace resistance, the
use of power planes also creates parasite capacitors that
help to filter the power supply line.
The rising and falling edges are necessarily short in relation
to the minimum pulse width (350ns), having approximately
16ns rise and fall times, typical, depending on parasitic
output capacitance. The inductive nature of the transducer
load can also result in overshoot on one or both edges,
clamped by the parasitic diodes to GND and V
DD in each
case. From an EMI standpoint, this is an aggressive wave-
form that can radiate or conduct to other components in the
system and cause interference. It is essential to keep the
power and output traces short and well shielded if possible.
Use of ground planes, beads, and micro-strip layout tech-
niques are all useful in preventing unwanted interference.
As the distance from the LM4670 and the speaker increase,
the amount of EMI radiation will increase since the output
wires or traces acting as antenna become more efficient with
length. What is acceptable EMI is highly application specific.
Ferrite chip inductors placed close to the LM4670 may be
needed to reduce EMI radiation. The value of the ferrite chip
is very application specific.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection ratio (PSRR). The capacitor (C
S) location should be
as close as possible to the LM4670. Typical applications
employ a voltage regulator with a 10µF and a 0.1µF bypass
capacitors that increase supply stability. These capacitors do
not eliminate the need for bypassing on the supply pin of the
LM4670. A 1µF tantalum capacitor is recommended.
SHUTDOWN FUNCTION
In order to reduce power consumption while not in use, the
LM4670 contains shutdown circuitry that reduces current
draw to less than 0.01µA. The trigger point for shutdown is
shown as a typical value in the Electrical Characteristics
Tables and in the Shutdown Hysteresis Voltage graphs
found in the Typical Performance Characteristics section.
It is best to switch between ground and supply for minimum
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com