Electronic Components Datasheet Search
  English  ▼

X  

LMX339 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # LMX339
Description  General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX339 Datasheet(HTML) 3 Page - Maxim Integrated Products

  LMX339 Datasheet HTML 1Page - Maxim Integrated Products LMX339 Datasheet HTML 2Page - Maxim Integrated Products LMX339 Datasheet HTML 3Page - Maxim Integrated Products LMX339 Datasheet HTML 4Page - Maxim Integrated Products LMX339 Datasheet HTML 5Page - Maxim Integrated Products LMX339 Datasheet HTML 6Page - Maxim Integrated Products LMX339 Datasheet HTML 7Page - Maxim Integrated Products LMX339 Datasheet HTML 8Page - Maxim Integrated Products LMX339 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
General-Purpose, Low-Voltage,
Single/Dual/Quad, Tiny-Pack Comparators
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS—5.0V OPERATION
(VDD = 5V, VSS = 0, VCM = 0, RL = 5.1k
Ω connected to VDD. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
0.25
7
TA = -40°C to +85°C9
Input Offset Voltage
VOS
TA = -40°C to +125°C9
mV
Input Voltage Hysteresis
LMX331H/LMX393H/LMX339H only
2
mV
Input Offset Voltage Average
Temperature Drift
TCVOS
5
µV/°C
TA = +25°C
±0.05
±250
TA = -40°C to +85°C
±400
Input Bias Current
IB
TA = -40°C to +125°C
±400
nA
TA = +25°C
±0.05
±50
TA = -40°C to +85°C
±150
Input Offset Current
IOS
TA = -40°C to +125°C
±150
nA
-0.1
Input Voltage Range
VCM
4.2
V
Voltage Gain
AV
LMX331/LMX393/LMX339 only
20
50
V/mV
TA = +25°C
70
400
TA = -40°C to +85°C
700
Output Saturation Voltage
VSAT
ISINK
≤ 4mA
TA = -40°C to +125°C
700
mV
Output Sink Current
IO
VO
≤ 1.5V
10
73
mA
TA = +25°C
60
120
TA = -40°C to +85°C
150
LMX331/LMX331H
TA = -40°C to +125°C
170
TA = +25°C
100
200
TA = -40°C to +85°C
250
LMX393/LMX393H
(both comparators)
TA = -40°C to +125°C
300
TA = +25°C
170
300
TA = -40°C to +85°C
350
Supply Current (Note 2)
IS
LMX339/LMX339H
(all four comparators)
TA = -40°C to +125°C
430
µA
TA = +25°C
0.003
TA = -40°C to +85°C1
Output Leakage Current
TA = -40°C to +125°C2
µA
AC ELECTRICAL CHARACTERISTICS—5.0V OPERATION
(VDD = 5V, VSS = 0, VCM = 0, RL = 5.1k
Ω connected to VDD. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input overdrive = 10mV (Note 3)
400
Propagation Delay
Output High to Low
tPHL
Input overdrive = 100mV (Note 3)
90
ns
Input overdrive = 10mV (Note 3)
600
Propagation Delay
Output Low to High
tPLH
Input overdrive = 100mV (Note 3)
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com