Electronic Components Datasheet Search
  English  ▼

X  

LT210 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LT210
Description  Photo DMOS-FET Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LT210 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LT210 Datasheet HTML 1Page - List of Unclassifed Manufacturers LT210 Datasheet HTML 2Page - List of Unclassifed Manufacturers LT210 Datasheet HTML 3Page - List of Unclassifed Manufacturers LT210 Datasheet HTML 4Page - List of Unclassifed Manufacturers LT210 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Letex Technology Corp.
5
Taping Specifications for Surface Mount Devices
Direction of feed
Label sticking position
Unit : mm
Unit : mm
Tolerance : ±0.1
Recommended Mounting Pad
(Top view)
Marking
(Each photo MOS Relay shall be marked
with the following information)
162
Letex
Brand Name
Part Name
Date Code
1 6 2
Weeks
Monthly
Year
LT210
Notes: 1.
There shall be 400 mm of leader minimum what may consist of carrier and cover tape follower.
2.
Devices are pockets in accordance with IEC standard IEC286-3 (JIS C 0806) and specifications given above.
3.
Packaging:2,000pcs per reel, 2 reel per box, 5 boxes per carton.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com