Electronic Components Datasheet Search
  English  ▼

X  

LMS1585 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS1585
Description  5A and 3A Low Dropout Fast Response Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS1585 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LMS1585 Datasheet HTML 1Page - National Semiconductor (TI) LMS1585 Datasheet HTML 2Page - National Semiconductor (TI) LMS1585 Datasheet HTML 3Page - National Semiconductor (TI) LMS1585 Datasheet HTML 4Page - National Semiconductor (TI) LMS1585 Datasheet HTML 5Page - National Semiconductor (TI) LMS1585 Datasheet HTML 6Page - National Semiconductor (TI) LMS1585 Datasheet HTML 7Page - National Semiconductor (TI) LMS1585 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Note
OUTPUT VOLTAGE
The adjustable version develops at 1.25V reference voltage,
(V
REF),
between the output and the adjust terminal. As
shown in Figure 1, this voltage is applied across resistor R1
to generate a constant current I1. This constant current then
flows through R2. The resulting voltage drop across R2 adds
to the reference voltage to sets the desired output voltage.
The current I
ADJ from the adjustment terminal introduces an
output error. But since it is small (120µA max), it becomes
negligible when R1 is in the 100
Ω range.
For fixed voltage devices, R1 and R2 are integrated inside
the devices.
10119772
FIGURE 1. Basic Adjustable Regulator
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com