Electronic Components Datasheet Search
  English  ▼

X  

LMX2315 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2315
Description  Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2315 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMX2315 Datasheet HTML 14Page - National Semiconductor (TI) LMX2315 Datasheet HTML 15Page - National Semiconductor (TI) LMX2315 Datasheet HTML 16Page - National Semiconductor (TI) LMX2315 Datasheet HTML 17Page - National Semiconductor (TI) LMX2315 Datasheet HTML 18Page - National Semiconductor (TI) LMX2315 Datasheet HTML 19Page - National Semiconductor (TI) LMX2315 Datasheet HTML 20Page - National Semiconductor (TI) LMX2315 Datasheet HTML 21Page - National Semiconductor (TI) LMX2315 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application Information (Continued)
MEASUREMENT RESULTS (Example
1)
TLW12339 – 47
FIGURE 5 PLL Reference Spurs
The reference spurious level is k b74 dBc due to the loop
filter attenuation and the low spurious noise level of the
LMX2315
TLW12339 – 49
FIGURE 6 PLL Phase Noise 10 kHz Offset
The phase noise level at 10 kHz offset is b80 dBcHz
TLW12339 – 48
FIGURE 7 PLL Phase Noise
1 kHz Offset
The phase noise level at 1 kHz offset is b795 dBcHz
TLW12339 – 50
FIGURE 8 Frequency Jump Lock Time
Of concern in any PLL loop filter design is the time it takes
to lock in to a new frequency when switching channels
Fig-
ure 8 shows the switching waveforms for a frequency jump
of 865 MHz to 915 MHz By narrowing the frequency span
of the HP53310A Modulation Domain Analyzer enables
evaluation of the frequency lock time to within g500 Hz
The lock time is seen to be less than 500 ms for a frequency
jump of 50 MHz
http
www nationalcom
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com