Electronic Components Datasheet Search
  English  ▼

X  

M29F080D55M1T Datasheet(PDF) 5 Page - STMicroelectronics

Part # M29F080D55M1T
Description  8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F080D55M1T Datasheet(HTML) 5 Page - STMicroelectronics

  M29F080D55M1T Datasheet HTML 1Page - STMicroelectronics M29F080D55M1T Datasheet HTML 2Page - STMicroelectronics M29F080D55M1T Datasheet HTML 3Page - STMicroelectronics M29F080D55M1T Datasheet HTML 4Page - STMicroelectronics M29F080D55M1T Datasheet HTML 5Page - STMicroelectronics M29F080D55M1T Datasheet HTML 6Page - STMicroelectronics M29F080D55M1T Datasheet HTML 7Page - STMicroelectronics M29F080D55M1T Datasheet HTML 8Page - STMicroelectronics M29F080D55M1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5/36
M29F080D
SUMMARY DESCRIPTION
The M29F080D is a 8 Mbit (1Mb x8) non-volatile
memory that can be read, erased and repro-
grammed. These operations can be performed us-
ing a single low voltage 5V supply. On power-up
the memory defaults to its Read mode where it can
be read in the same way as a ROM or EPROM.
The memory is divided into 16 uniform blocks of
64Kbytes (see Figure 5, Block Addresses) that
can be erased independently so it is possible to
preserve valid data while old data is erased.
Blocks can be protected in groups of 4 to prevent
accidental Program or Erase commands from
modifying the memory. Program and Erase com-
mands are written to the Command Interface of
the memory. An on-chip Program/Erase Controller
simplifies the process of programming or erasing
the memory by taking care of all of the special op-
erations that are required to update the memory
contents. The end of a program or erase operation
can be detected and any error conditions identi-
fied. The command set required to control the
memory is consistent with JEDEC standards.
Chip Enable, Output Enable and Write Enable sig-
nals control the bus operation of the memory.
They allow simple connection to most micropro-
cessors, often without additional logic.
The memory is offered in TSOP40 (10 x 20mm) and
SO44 packages. Access times of 55, 70 and 90ns
are available. The memory is supplied with all the
bits erased (set to ’1’).
Figure 2. Logic Diagram
Table 1. Signal Names
AI06141
20
A0-A19
W
DQ0-DQ7
VCC
M29F080D
E
VSS
8
G
RP
RB
A0-A19
Address Inputs
DQ0-DQ7
Data Inputs/Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
RP
Reset/Block Temporary Unprotect
RB
Ready/Busy Output
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com