Electronic Components Datasheet Search
  English  ▼

X  

M844 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M844
Description  MULTI-RATE CLOCK RECOVERY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M844 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M844 Datasheet HTML 1Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M844 Rev 1.3
Revision 12Nov2003
Integ r ated Circuit Systems , Inc. ● Comm unication s Modules ● ww w. i c s t . c o m ● tel (508) 852-5400
MULTI-RATE CLOCK RECOVERY
Integrated
Circuit
Systems, Inc.
Product Br ief
M844
GENERAL DESCRIPTION
The M844 Multi-Rate Clock Recovery module provides
low jitter clock recovery from NRZ or RZ input data
formats. Four data rates are digitally selectable: 9.953,
10.3125, 10.664, or 10.709Gb/s. Incoming data is first
amplified by a limiting amplifier. The data is then both:
a) provided as the module’s unretimed data output, and
b) applied to the clock recovery circuitry. A Phase
Locked Loop (PLL) incorporates frequency multipliers
and a SAW-based Voltage Control SAW Oscillator
(VCSO) to minimize clock jitter. The VCSO provides the
high Q, low noise, and high stability needed for the
narrow bandwidth PLL operation. Micro-strip bandpass
filters are used to produce sinusodal clock output with
low harmonic and sub-harmonic distortion.
FEATURES
• 4 selectable NRZ or RZ rates: 9.953, 10.3125,
10.664, or 10.709Gb/s
• Superior VCSO-based PLL jitter performance 0.12 ps
peak-to-peak max
• 0.02ps rms jitter, typical (12kHz-20MHz)
• Low phase noise -85dBc/Hz @ 1kHz offset
• 6mV peak-to-peak input sensitivity
• Up to 700mV peak-to-peak un-retimed NRZ or RZ
data output
• +5V and -5V power supplies
• Designed for high-speed fiber optic applications
• Easy to connect 1.575 x 3.2 inch SMA package
PIN ASSIGNMENT (1.575 x 3.2 inch SMA)
BLOCK DIAGRAM
Example Input/Output Frequency Combinations
Operating
Data Rate
(Gb/s)
Clock Output Freq
(GHz)
Application
OC-192
OC-48
9.9530
9.9530
2.488
OC-192
10.3125
10.3125
2.577
10.6640
10.6640
2.666
10.7090
10.7090
2.677
M844
CONT 2
CONT 1
ALM
GND
GND
VCC +5V
Din
1/4Cout
Cout
Dout
VEE -5V
M844
DATA_IN
CLK_OUT
Rate
Select
2x
Frequency
Multiplier
4x
Frequency
Multiplier
Lim
Amp
RF
Amp
DATA_OUT
Phase Detector
RF
Amp
RF
Amp
Op-
Amp
RF
Amp
1/4CLK_OUT
RF
Amp
Pwr
Div
SAW Delay Lines 1 - 4
SP4T
SW
SP4T
SW
Phase
Shifter
Pwr
Div
2x
Frequency
Multiplier
Pwr
Div
M844 Multi-Rate Clock Recovery


Similar Part No. - M844

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M8440 ETC-M8440 Datasheet
295Kb / 1P
Heyco짰-Tite Liquid Tight Cordgrips
logo
Heyco.
M8440 HEYCO-M8440 Datasheet
289Kb / 1P
Tite Liquid Tight Cordgrips
More results

Similar Description - M844

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2809 AD-ADN2809 Datasheet
204Kb / 13P
Multi-Rate to 2.7Gbps Clock and Data Recovery IC with Limiting Amplifier
logo
Vitesse Semiconductor C...
VSC8115 VITESSE-VSC8115 Datasheet
409Kb / 12P
STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
S3076 ETC1-S3076 Datasheet
158Kb / 18P
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
logo
Integrated Circuit Syst...
M840 ICST-M840 Datasheet
1,006Kb / 4P
OC-192 MULTI-RATE CLOCK RECOVERY MODULE
logo
List of Unclassifed Man...
S3086TEIB ETC2-S3086TEIB Datasheet
77Kb / 2P
Continuous Rate Clock Recovery Unit
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01_17 Datasheet
184Kb / 19P
Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com