Electronic Components Datasheet Search
  English  ▼

X  

01SEEG3H Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 01SEEG3H
Description  TWO-STAGE HIGH PERFORMANCE IEC CONNECTOR FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

01SEEG3H Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  01SEEG3H Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL CONSTRUCTION
MINIMUM INSERTION LOSS IN dB
ELECTRICAL SCHEMATIC
INSERTION LOSS (TYPICAL)
EG3H
L
N
E
I
G
N
L
Cx
L1
Cy
Cy
L2
O
A
D
N'
G'
L
L'
03SEEG3H
06SEEG3H
10K
0dB
20 dB
60 dB
40 dB
80 dB
100K
1M
10M
SESERIES
DVE
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
UNIT: INCH
mm
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
TWO-STAGE HIGH PERFORMANCE
IEC CONNECTOR FILTERS
1. A high performance two-stage filter with an IEC connector
providing most effective EMI suppression.
2. All part numbers are UL recognized, CSA certified and VDE
approved.
COMPONENTS
SPECIFICATIONS
3
1.1
0.1
3300
1.5
0.5
01SEEG3H
03SEEG3H
06SEEG3H
PART NO.
L1 (mH)
L2 (mH)
Cx (uF)
Cy (pF)
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
1A
40
65
65
70
65
55
3A
40
65
65
70
65
55
6A
25
50
60
70
65
55
1A
6
18
2855
6560
3A
6
18
2855
6560
6A
6
15
2250
6060
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
1.18
30.0
21.1
0.83MAX.
SUGGESTED MOUNTING CUTPUT
(MOUNTING FROM FRONT)
1.575 0.005
+0.020
M3
30.5
40.01
1.20 -0
R1.0
R0.04
R0.098
R2.49
1.99
50.5
G
L
N
1.575
40.01
0.13
3.3
2-17
INTRODUCTIONS


Similar Part No. - 01SEEG3H

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
01S101-K20D3 ROSENBERGER-01S101-K20D3 Datasheet
545Kb / 2P
ADAPTOR
01S101-S20D3 ROSENBERGER-01S101-S20D3 Datasheet
549Kb / 2P
ADAPTOR
01S108-K00D3 ROSENBERGER-01S108-K00D3 Datasheet
514Kb / 2P
Adaptor
01S108-S00D3 ROSENBERGER-01S108-S00D3 Datasheet
516Kb / 2P
Adaptor
logo
Japan Aviation Electron...
01S1124-00 JAE-01S1124-00 Datasheet
60Kb / 3P
Millimeter Wave Band Coaxial Connector, Panel Mount, Glass Bead
More results

Similar Description - 01SEEG3H

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03KEEG3DA DELTA-03KEEG3DA Datasheet
91Kb / 1P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
01GEEG3E DELTA-01GEEG3E Datasheet
569Kb / 3P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
03GENG3E DELTA-03GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GKEW3E DELTA-06GKEW3E Datasheet
164Kb / 1P
MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
08KEEG3EA DELTA-08KEEG3EA Datasheet
256Kb / 1P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
HIGH PERFORMANCE IEC INLET FILTERS
10GEEW3E-R DELTA-10GEEW3E-R Datasheet
1Mb / 3P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
10GKEW3E DELTA-10GKEW3E Datasheet
164Kb / 1P
MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
15GENG3E DELTA-15GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
20GENG3E-R DELTA-20GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com