Electronic Components Datasheet Search
  English  ▼

X  

LMX1602TM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1602TM
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1602TM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX1602TM Datasheet HTML 6Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 7Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 8Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 9Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 10Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 11Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 12Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 13Page - National Semiconductor (TI) LMX1602TM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
2.0
Programming Description (Continued)
2.5.3
OSC Mode Programming
The OSC
out pin can be optimized for operating with an external crystal resonator or an external reference frequency source (i.e.
TCXO). If the application uses an external reference frequency source, the current dissipation of the LMX1600/01/02 can be re-
duced with the Logic Mode (0.5 mA typ.). Crystal Mode should be used when an external crystal resonator is used. Logic Mode
is used when an external reference frequency source is used. In Logic Mode, OSC
OUT should be connected to a 30 pF capacitor
to ground for optimum performance.
When the FoLD output state is selected to CMOS high/low levels, the OSC Mode is forced to Crystal Mode.
FoLD
OSC
OUT
3210
AUX_R[17]
AUX_R[16]
AUX_R[15]
AUX_R[14]
0000
Crystal Mode
0001
Crystal Mode
All Other States
0
Logic Mode
1
Crystal Mode
2.5.4
Typical Crystal Oscillator Circuit
A typical implementation of a 10 MHz crystal oscillator with the OSC
OUT pin in Crystal Mode is shown below.
2.6
SERIAL DATA INPUT TIMING
Note 17: Data shifted into register on clock rising edge.
Data is shifted in MSB first.
TEST CONDITIONS: The Serial Data Input Timing is tested using a symmetrical waveform around V
CC/2. The test waveform has
an edge rate of 0.6 V/ns with amplitudes of 2.2V @ V
CC = 2.7V.
DS100129-18
DS100129-19
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com