Electronic Components Datasheet Search
  English  ▼

X  

LMX2316TM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2316TM
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2316TM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMX2316TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 13Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 14Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 15Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 16Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 17Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 18Page - National Semiconductor (TI) LMX2316TM Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
1.7 Application Information (Continued)
1.7.9 FastLock MODE 1 PROGRAMMING
The F[1]–F[7] bits will be denoted as (*) and are dependent on the desired modes of the applicable functions. To program the de-
vice for mode 1 FastLock, the F[8]–F[10] bits are programmed 100, while the N[19] bit is set to 1. The device will stay in the 4X
current mode until another N bit stream is sent with the N[19] bit reset to 0. This gives a bit stream as follows:
1.7.10 FastLock MODE 2 PROGRAMMING
Again, the F[1]–F[7] bits will be denoted as don’t care (*) but are dependent on the desired modes of the applicable functions.
To program the device for mode 2 FastLock, the F[8]–F[10] bits are programmed 101, while the N[19] bit is set to 1. The device
will stay in the 4X current mode for the programmed number of phase detector cycles. Bits F[11]–F[14] program this number of
cycles and are shown in
Table 6. For our example, we will use 27 phase detector cycles, i.e. bits F[11]–F[14] will be 0110
b. After
27 phase detector cycles, the N[19] bit returns to zero, bringing the device back to low current mode. The resulting bit stream is
as follows:
FastLock modes 3 and 4 are programmed in the same manner and give the added 4X gain increase as discussed in Section 1.3.4
FastLock modes.
DS100127-17
DS100127-18
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com