Electronic Components Datasheet Search
  English  ▼

X  

06IB2D Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 06IB2D
Description  POWER ENTRY MODULE EMI FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

06IB2D Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  06IB2D Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
COMPONENTS
01IB2D
7.5
01IB2S
03IB2D
0.22
2200
1M
2.0
03IB2S
06IB2D
0.45
06IB2S
PART NO.
Cx (uF)
L (mH)
Cy(pF)
R (
)
1. Power module incorporates an IEC connector,
single or double-fuse (IEC 5 x 20mm) holder,
and double-pole power switch, plus an EMI
filter all-in-one easy-to-install unit.
2. All part numbers are UL recognized, CSA
certified and VDE approved.
3. Switch electrical lifetime: 10,000 cycles.
Maximum inrush current: 50A.
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.2mA
@ 250VAC 50Hz: 0.4mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
IB2D
FIG. A
X
FIG. B
X
4-15
SERIES
SPECIFICATIONS
POWER ENTRY MODULE EMI FILTERS
INTRODUCTIONS
ELECTRICAL SCHEMATIC
MECHANICAL CONSTRUCTION
CURRENT
FREQUENCY-MHz
RATING
0.15
0.50
1.0
5.0
10
30
1A
28
40
40
35
35
25
3A
15
30
35
35
40
25
6A
8
15
20
32
40
25
1A
10
20
28
35
38
35
3A
8
15
20
30
35
35
6A
8
15
15
30
35
35
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-G) IN 50 OHM SYSTEM
MINIMUM INSERTION LOSS IN dB
UL, CSA, VDE approved current rating: UL/CSA-10A
both at 125VAC and 250VAC: VDE-4A/250VAC.
DELTA PART NO.
01IB2D
03IB2D
06IB2D
01IB2S
03IB2S
06IB2S
RATED CURRENT
115VAC
1A
3A
6A
1A
3A
6A
250VAC
1A
3A
6A
1A
3A
6A
IEC CONNECTOR
DD
DD
D
D
FUSE
DOUBLE
SINGLE
DOUBLE-POLE POWER SWITCH
DOUBLE
DOUBLE
ELECTRICAL SCHEMATIC
FIG. A
FIG. B
TYPE & RATED CURRENT
0.13(2X)
3.3(2X)
2.57REF.
65.7REF.
M3
SUGGESTED MOUNTING CUTOUT
R0.1
R2.5
-
2.360
+0.02
-
60.00
+0.5
2.34MAX.
59.5MAX.
INCH
UNIT:
mm
D
V
E


Similar Part No. - 06IB2D

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
06IB2D DELTA-06IB2D Datasheet
225Kb / 1P
POWER ENTRY MODULE EMI FILTERS
More results

Similar Description - 06IB2D

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03IB2S DELTA-03IB2S Datasheet
225Kb / 1P
POWER ENTRY MODULE EMI FILTERS
06AE2 DELTA-06AE2 Datasheet
114Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AK2D DELTA-06AK2D Datasheet
621Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AK5 DELTA-06AK5 Datasheet
621Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06AR2D DELTA-06AR2D Datasheet
443Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06EB3 DELTA-06EB3 Datasheet
231Kb / 2P
POWER ENTRY MODULE EMI FILTERS
10EK3M DELTA-10EK3M Datasheet
92Kb / 2P
POWER ENTRY MODULE FILTERS
10EK3S DELTA-10EK3S Datasheet
165Kb / 2P
HIGH PERFORMANCE POWER ENTRY MODULE EMI FILTERS
10NB3M DELTA-10NB3M Datasheet
1Mb / 2P
POWER ENTRY MODULE FILTERS
AR-SERIES DELTA-AR-SERIES Datasheet
444Kb / 2P
POWER ENTRY MODULE EMI FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com