Electronic Components Datasheet Search
  English  ▼

X  

MPC860DP Datasheet(PDF) 70 Page - Motorola, Inc

Part # MPC860DP
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860DP Datasheet(HTML) 70 Page - Motorola, Inc

Back Button MPC860DP Datasheet HTML 66Page - Motorola, Inc MPC860DP Datasheet HTML 67Page - Motorola, Inc MPC860DP Datasheet HTML 68Page - Motorola, Inc MPC860DP Datasheet HTML 69Page - Motorola, Inc MPC860DP Datasheet HTML 70Page - Motorola, Inc MPC860DP Datasheet HTML 71Page - Motorola, Inc MPC860DP Datasheet HTML 72Page - Motorola, Inc MPC860DP Datasheet HTML 73Page - Motorola, Inc MPC860DP Datasheet HTML 74Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 76 page
background image
70
MPC860 Family Hardware Specifications
MOTOROLA
Mechanical Data and Ordering Information
Part XIV Mechanical Data and Ordering
Information
Table 14-31 provides information on the MPC860 revision D.3 and D.4 derivative devices.
Table 14-32 identifies the packages and operating frequencies available for the MPC860.
Table 14-31. MPC860 Family Revision D.3 and D.4 Derivatives
Device
Number of
SCCs 1
1 Serial communications controller (SCC).
Ethernet Support 2
(Mbps)
2 Up to 4 channels at 40 MHz or 2 channels at 25 MHz.
Multi-Channel
HDLC Support
ATM
Support
MPC855T
1
10/100
yes
yes
MPC860DE
2
10
N/A
N/A
MPC860DT
10/100
Yes
Yes
MPC860DP
10/100
Yes
Yes
MPC860EN
4
10
N/A
N/A
MPC860SR
10
Yes
Yes
MPC860T
10/100
Yes
Yes
MPC860P
10/100
Yes
Yes
Table 14-32. MPC860 Family Package/Frequency Availability
Package Type
Frequency
(MHz)
Temperature
(Tj)
Order Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com