Electronic Components Datasheet Search
  English  ▼

X  

LMX2313U Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2313U
Description  PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2313U Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2313U Datasheet HTML 1Page - National Semiconductor (TI) LMX2313U Datasheet HTML 2Page - National Semiconductor (TI) LMX2313U Datasheet HTML 3Page - National Semiconductor (TI) LMX2313U Datasheet HTML 4Page - National Semiconductor (TI) LMX2313U Datasheet HTML 5Page - National Semiconductor (TI) LMX2313U Datasheet HTML 6Page - National Semiconductor (TI) LMX2313U Datasheet HTML 7Page - National Semiconductor (TI) LMX2313U Datasheet HTML 8Page - National Semiconductor (TI) LMX2313U Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LMX2310U/LMX2311U/LMX2312U/LMX2313U
PLLatinum™ Ultra Low Power Frequency Synthesizer for
RF Personal Communications
LMX2310U
2.5 GHz
LMX2311U
2.0 GHz
LMX2312U
1.2 GHz
LMX2313U
600 MHz
General Description
The LMX2310/1/2/3U are high performance frequency syn-
thesizers. The LMX2310/1/2U use a selectable, dual modu-
lus 32/33 and 16/17 prescaler. The LMX2313U uses a se-
lectable, dual modulus 16/17 and 8/9 prescaler. The device,
when combined with a high quality reference oscillator and a
voltage controlled oscillator, generates very stable, low noise
local oscillator signals for up and down conversion in wire-
less communication devices.
Serial data is transferred into LMX2310/1/2/3U via a three-
wire interface (Data, Enable, Clock) that can be directly
interfaced with low voltage baseband processors. Supply
voltage can range from 2.7V to 5.5V. LMX2310U features
very low current consumption, typically 2.3 mA at 3.0V.
The LMX2310/1/2/3U are manufactured using National’s
0.5µ ABiC V silicon BiCMOS process and is available in
20-pin CSP packages.
Features
n
RF operation up to 2.5 GHz
n
2.7V to 5.5V operation
n
Ultra Low Current Consumption
n
Low prescaler values
LMX2310/1/2U 32/33 or 16/17
LMX2313U 16/17 or 8/9
n
Excellent Phase Noise
n
Internal balanced, low leakage charge pump
n
Selectable Charge Pump Current Levels
n
Selectable Fastlock mode with Time-Out Counter
n
Low Voltage MICROWIRE interface (1.72V to V
CC)
n
Digital and Analog Lock Detect
n
Small 20-pad Thin Chip Scale Package
Applications
n
Cellular DCS, PCS, WCDMA telephone systems
n
Wireless Local Area Networks (WLAN)
n
Global Positioning Systems (GPS)
n
Other wireless communications systems
Functional Block Diagram
20043822
PLLatinum™ is a trademark of National Semiconductor Corporation.
December 2003
© 2003 National Semiconductor Corporation
DS200438
www.national.com


Similar Part No. - LMX2313U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2314 NSC-LMX2314 Datasheet
371Kb / 20P
1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2314M NSC-LMX2314M Datasheet
371Kb / 20P
1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2314MX NSC-LMX2314MX Datasheet
371Kb / 20P
1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
371Kb / 20P
1.2 GHz Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2313U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com